| データシートサーチシステム |
|
STV-DCA/CIF-E01 データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-DCA/CIF-E01 データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 60 page ![]() PRELIMINARY Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000 STV0680A + VV6444/6410/6500 CDSTV0680F-C Commercial in confidence 48 STV0680F_444pckg.fm 10.3 VV6444 Package Dimensions Figure 8 : VV6444 package dimensions in 48LCC (1) Notes. 1. Die is optically centred. 2. Refractive index of glass is ~1.52. 3. Distance to optical surface of Die. 4. Pixel area of sensor. 4 14.52 14.09 4.27 Pin 1 Pin 6 A A |