| データシートサーチシステム |
|
STV-DCA/CIF-E01 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-DCA/CIF-E01 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 60 page ![]() PRELIMINARY Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000 STV0680A + VV6444/6410/6500 CDSTV0680F-C Commercial in confidence 44 STV0680F_444pckg.fm 10. VV6444 Sensor Pinout and Package Dimensions VV6444 has the same pinout and electrical characteristics as the previous generation VV6404, but microlenses are added for increased sensitivity, and the colour filters are different. Although the VV64444 and VV6404 are electrically identical, the STV0680 and STV0680A use the correct settings for the VV6444 colour set. This means that a VV6404 should not be used with STV0680/680A. |