データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3255 データシート(PDF) 6 Page - Linear Technology

部品番号 LTC3255
部品情報  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 データシート(HTML) 6 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 2Page - Linear Technology LTC3255 Datasheet HTML 3Page - Linear Technology LTC3255 Datasheet HTML 4Page - Linear Technology LTC3255 Datasheet HTML 5Page - Linear Technology LTC3255 Datasheet HTML 6Page - Linear Technology LTC3255 Datasheet HTML 7Page - Linear Technology LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology LTC3255 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3255
6
3255f
For more information www.linear.com/LTC3255
PIN FUNCTIONS
C+ (Pin 1): Flying Capacitor Positive Connection. This pin
must not be driven externally.
VOUT (Pin 2): Charge Pump Output Voltage.
FB (Pin 3): Feedback pin for setting the regulated output
voltage, usually connected to VOUT through an external
resistor divider. In operation, the LTC3255 servos the FB
pin to 1.2V by transferring charge from VIN to VOUT.
SHUNT (Pin 4): Configuration pin that must connect to
either the BIAS or GND pins to enable or defeat, respec-
tively, the LTC3255’s shunt regulator feature. Connect this
pin to either BIAS or GND on the circuit board layout. Do
not float this pin.
PGOOD (Pin 5): Power Good Open-Drain Logic Output.
This pin becomes high impedance when the feedback
voltage on the FB pin rises above 94% (typical) of the
regulation voltage.
EN (Pin 6): Logic Input. A logic high on the EN pin will
enable the charge pump. A logic low shuts down the
LTC3255. Do not float this pin.
BIAS (Pin 7): Connect this pin to a 0.1µF bypass capaci-
tor to GND. A ceramic capacitor of at least 10V rating is
recommended.
GND(Pin8andExposedPadPin11):GroundConnection.
Exposed pad (Pin 11) must be soldered to the circuit board
groundplaneforproperthermalandelectricalconduction.
C(Pin 9): Flying Capacitor Negative Connection. This pin
must not be driven externally.
VIN (Pin 10): Input Supply Voltage. Bypass this pin to GND
with at least 1µF capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com