データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3255 データシート(PDF) 12 Page - Linear Technology

部品番号 LTC3255
部品情報  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 データシート(HTML) 12 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology LTC3255 Datasheet HTML 10Page - Linear Technology LTC3255 Datasheet HTML 11Page - Linear Technology LTC3255 Datasheet HTML 12Page - Linear Technology LTC3255 Datasheet HTML 13Page - Linear Technology LTC3255 Datasheet HTML 14Page - Linear Technology LTC3255 Datasheet HTML 15Page - Linear Technology LTC3255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3255
12
3255f
For more information www.linear.com/LTC3255
APPLICATIONS INFORMATION
Table 1
CERAMIC CAPACITOR MANUFACTURER WEBSITE
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
TDK
www.tdk.com
Layout Considerations
Due to the high switching frequency and transient cur-
rents produced by the LTC3255, careful board layout is
necessary for optimal performance. A true ground plane
and short connections to all capacitors will optimize
performance, reduce noise and ensure proper regulation
over all conditions.
When using the LTC3255 with an external resistor divider
it is important to minimize any stray capacitance to the FB
node. Stray capacitance from FB to C+ or Ccan degrade
performance significantly and should be minimized and/
or shielded if necessary.
Thermal Management
The on chip power dissipation in the LTC3255 will cause
the junction to ambient temperature to rise at a rate of
40°C/W or more in the MSE package, or 43°C/W or more
in the DD package. To reduce the maximum junction
temperature, a good thermal connection to the PC board
is recommended. Connecting the die paddle (Pin 11) to a
largegroundplaneunderthedevicecanreducethethermal
resistanceofthepackageandPCboardconsiderably.Poor
board layout and failure to connect the die paddle (Pin
11) to a large ground plane can result in thermal junction
to ambient impedance well in excess of 40°C/W (MSE
package) or in excess of 43°C/W (DD package). Thermal
junction to ambient impedance is specified per JEDEC
standard JESD 51-5.
Because of the wide input operating range it is possible to
exceed the specified operating junction temperature and
even reach thermal shutdown. It is the responsibility of
the user of the LTC3255 to calculate worst-case operat-
ing conditions (temperature and power) to make sure
the LTC3255’s specified operating junction temperature
is not exceeded for extended periods of time. The 2:1
Step-Down, 1:1 Step-Down, and VIN Shunt Regulator
Operation sections provide equations for calculating the
power dissipation (PD) in each mode.
For example, if it is determined that the maximum power
dissipation (PD) is 1.2W under normal operation, then
the maximum junction to ambient temperature rise in the
MSE package will be:
Junction to Ambient = 1.2W • 40°C/W = 48°C
Thus, the ambient temperature under this condition can
not exceed 102°C if the junction temperature is to remain
below150°C.Forambienttemperaturesexceedingroughly
127°C, the device will cycle in and out of the thermal
shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com