データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3255 データシート(PDF) 8 Page - Linear Technology

部品番号 LTC3255
部品情報  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 データシート(HTML) 8 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 4Page - Linear Technology LTC3255 Datasheet HTML 5Page - Linear Technology LTC3255 Datasheet HTML 6Page - Linear Technology LTC3255 Datasheet HTML 7Page - Linear Technology LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology LTC3255 Datasheet HTML 10Page - Linear Technology LTC3255 Datasheet HTML 11Page - Linear Technology LTC3255 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3255
8
3255f
For more information www.linear.com/LTC3255
APPLICATIONS INFORMATION
General Operation
The LTC3255 uses switched-capacitor-based DC/DC
conversion to provide efficiency advantages associated
with inductor-based circuits together with the cost and
simplicity advantages of linear regulators. No inductors
arerequired.TheLTC3255usesaninternalswitchnetwork
and fractional conversion ratios to achieve high efficiency
and regulation over widely varying VIN and output load
conditions. A defeatable VIN shunt regulator allows the
LTC3255 to operate with current-fed VIN supplies, such
as 4mA to 20mA current loops.
Automatic 2:1/1:1 Mode Switching with VIN Shunt
Disabled (SHUNT Pin Connected to GND)
Connecting the SHUNT pin to GND defeats the VIN shunt
regulator. With the shunt regulator defeated, the LTC3255
functions as a general purpose step-down charge pump
offering two conversion modes: 2:1 and 1:1. Internal cir-
cuitry automatically chooses the optimal conversion ratio
based on VIN, VOUT, and output load conditions, generally
preferring 2:1 mode when VIN exceeds twice VOUT, but
falling back to 1:1 mode as needed to maintain regulation.
Forced 2:1 Mode Operation When VIN Shunt Regulator
is Enabled (SHUNT Pin Connected to BIAS)
With the SHUNT pin connected to BIAS, the VIN shunt
regulator is enabled, and the LTC3255 expects a high
impedance power source at VIN, such as a 4mA to 20mA
current loop, or a resistor to a DC supply. With the shunt
regulatorenabled,thechargepumprunsin2:1conversion
mode only, extending its output current capability beyond
that of the VIN source. For example, the LTC3255 can
typically boost the current capability of a 4mA source to
power a 7.4mA load continuously. See VIN Shunt Regula-
tor in the Operation section for VIN compliance and other
operating information.
Regulation Loop
Regulation is achieved via a Burst Mode control loop that
allows the LTC3255 to achieve high efficiency even at
light loads. As shown in the Block Diagram, a comparator
monitors the output voltage via a feedback pin, FB, which
receives a fraction of VOUT via an external resistor divider.
While VFB is below regulation, the LTC3255 transfers fixed
packets of charge from VIN to VOUT, paced by an internal
oscillator. This causes VOUT and hence FB to rise. When
VFB enters regulation, the LTC3255 stops charge transfer
and enters a low quiescent current sleep state. During this
sleepstate,theoutputloadissuppliedentirelybytheoutput
capacitor. The LTC3255 remains in sleep until the output
drops enough to require another burst of charge. As load
current decreases, the output capacitor takes longer to
discharge, so sleep time increases.
Shutdown and Undervoltage Lockout (UVLO)
Driving the EN pin low puts the LTC3255 in shutdown,
which disables all circuitry except the internal bias. VIN
supply current is minimized. When the EN pin is high, the
charge pump will enable if VIN satisfies the VIN undervolt-
age lockout (UVLO) threshold. If the shutdown feature is
not needed, the EN pin can be connected to VIN, as both
pins share the same Absolute Maximum rating.
Reverse Polarity Input Protection
The VIN and EN pins are designed to withstand connection
to voltages below ground without damage. When VIN is
belowground,theLTC3255preventsVOUTfromgoingmore
than a diode drop below GND to protect the load circuit.
Short-Circuit/Thermal Protection
The LTC3255 has built-in short-circuit current limiting as
well as overtemperature protection. During short-circuit
conditions output current is automatically limited by the
output current limit circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com