データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM641521 データシート(PDF) 9 Page - Sharp Corporation

部品番号 LM641521
部品情報  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 データシート(HTML) 9 Page - Sharp Corporation

Back Button LM641521 Datasheet HTML 5Page - Sharp Corporation LM641521 Datasheet HTML 6Page - Sharp Corporation LM641521 Datasheet HTML 7Page - Sharp Corporation LM641521 Datasheet HTML 8Page - Sharp Corporation LM641521 Datasheet HTML 9Page - Sharp Corporation LM641521 Datasheet HTML 10Page - Sharp Corporation LM641521 Datasheet HTML 11Page - Sharp Corporation LM641521 Datasheet HTML 12Page - Sharp Corporation LM641521 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
No.
No.
9
Bating
Unit
MIN.
clock crclr
152
l
level clock width
level clock width
l
level
clock width
TO
as
hold tire
S
set
40
100
.
as
clock
0
tire
0
Clock
LCD
functions at the
l inirum
of
8
franc
of
Owing to
of LCD
l
shadowing’
as
while flicker
be
reduced.
According to our
of 11.7
or
frequency of 85
in terms
of
l
.
But since
of
is
subjective
such
‘shadowing’ is
is recommended that decision of
or
to which
of
LCD rait is
own
testing on the
unit with
possible
on it.
:
in case
in case
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20