データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM641521 データシート(PDF) 20 Page - Sharp Corporation

部品番号 LM641521
部品情報  Passive Matrix type LCD UNIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM641521 データシート(HTML) 20 Page - Sharp Corporation

Back Button LM641521 Datasheet HTML 12Page - Sharp Corporation LM641521 Datasheet HTML 13Page - Sharp Corporation LM641521 Datasheet HTML 14Page - Sharp Corporation LM641521 Datasheet HTML 15Page - Sharp Corporation LM641521 Datasheet HTML 16Page - Sharp Corporation LM641521 Datasheet HTML 17Page - Sharp Corporation LM641521 Datasheet HTML 18Page - Sharp Corporation LM641521 Datasheet HTML 19Page - Sharp Corporation LM641521 Datasheet HTML 20Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
of
20
DISP control
input DISP control
shown
VDD
Control Circuit
LCD
DISP control
DISP
be connected
Circuit
LCD
l
No.
PAGE
21
10.
inooectioa standard
The LCD unit shall
the following
standard
This
describes
in case of
scale.
Since
be affected
scale
shall be carefully evaluated for the usability of the LCD UNIT in case
scale is displayed oa the LCD UNIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20