| データシートサーチシステム |
|
LM641521 データシート(PDF) 18 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LM641521 データシート(HTML) 18 Page - Sharp Corporation |
|
18 / 20 page ![]() No. No. PAGP 18 Since the front is easily please attention not to scratch its face. 4) If the surface of the LCD ceils aeeds to be cleaned, ripe it with cotton or other soft cloth. If still aot blow oa its wipe. later droplets, etc. be off since cause color changer. staining, etc. if reuioed for Since LCD is of glass the or it hard objects cause cracking or are this unit, so care be to avoid the static charge, earthing etc. Take the measures, to protect the the electric discharge tabs fror the the electrified Earth the retrllic of the of the and uia attaching rashers of or etc. 81 The unit should be driven according to the specified ratings to avoid malfunction of damage. DC drive leads to rapid deterio- ration of LC, so ensure that the drive is coatinoas of the the shorn next page is recommended to of driver application of DC to LCD Avoid to expose the to the direct etc. for If at specified be If the MY exceed the specified the orieatatioa of the to that of liquid, and not revert to their original state. As far as store at room LCD avoided. |