| データシートサーチシステム |
|
W2RG012RN データシート(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
W2RG012RN データシート(HTML) 13 Page - Omron Electronics LLC |
|
13 / 21 page ![]() LED Control IC W2RG012RN 13 Designation of Lighting Position The lighting position is designated with a register address in a communication command. The relationship between register address and lighting position in each matrix configuration is shown in the table below. Gradation data can be transmitted continuously (continuous transfer). In this case, gradation data are stored sequentially, with the register address designated at first at the top. Gradation data cannot be transmitted to a register address that is not found in matrix configurations (wrong address). Communication is terminated if a wrong address is designated, or if a wrong address is reached in continuous transfer of gradation data. Note: When a 16x8-mode matrix configuration is used, an LED shown in an odd-number row in the table above cannot be designated as the first address. Gradation data can be transmitted only via continuous transfer to a register address in an odd-number row. Register Address Matrix Configuration 24x1 24x2 24x4 16x8 Even-number row Odd-number row 0x00 (0) (0, 0) (0, 0) (0, 0) (0, 0) (1, 0) 0x01 (1) (1 ,0) (1, 0) (1, 0) (2, 0) (3, 0) 0x02 (2) (2, 0) (2, 0) (2, 0) (4, 0) (5, 0) 0x03 (3) (3, 0) (3, 0) (3, 0) (6, 0) (7, 0) 0x04 (4) (4, 0) (4, 0) (4, 0) (8, 0) (9, 0) 0x05 (5) (5, 0) (5, 0) (5, 0) (10, 0) (11, 0) 0x06 (6) (6, 0) (6, 0) (6, 0) (12, 0) (13, 0) 0x07 (7) (7, 0) (7, 0) (7, 0) (14, 0) (15, 0) 0x08 (8) (8, 0) (8, 0) (8, 0) (0, 1) (1, 1) 0x09 (9) (9, 0) (9, 0) (9, 0) (2, 1) (3, 1) 0x0A (10) (10, 0) (10, 0) (10, 0) (4, 1) (5, 1) 0x0B (11) (11, 0) (11, 0) (11, 0) (6, 1) (7, 1) 0x0C (12) (12, 0) (12, 0) (12, 0) (8, 1) (9, 1) 0x0D (13) (13, 0) (13, 0) (13, 0) (10, 1) (11, 1) 0x0E (14) (14, 0) (14, 0) (14, 0) (12, 1) (13, 1) 0x0F (15) (15, 0) (15, 0) (15, 0) (14, 1) (15, 1) 0x10 (16) (16, 0) (16, 0) (16, 0) (0, 2) (1, 2) 0x11 (17) (17, 0) (17, 0) (17, 0) (2, 2) (3, 2) 0x12 (18) (18, 0) (18, 0) (18, 0) (4, 2) (5, 2) 0x13 (19) (19, 0) (19, 0) (19, 0) (6, 2) (7, 2) 0x14 (20) (20, 0) (20, 0) (20, 0) (8, 2) (9, 2) 0x15 (21) (21, 0) (21, 0) (21, 0) (10, 2) (11, 2) 0x16 (22) (22, 0) (22, 0) (22, 0) (12, 2) (13, 2) 0x17 (23) (23, 0) (23, 0) (23, 0) (14, 2) (15, 2) 0x18 (24) - - - (0, 1) (0, 1) (0, 3) (1, 3) 0x19 (25) - - - (1, 1) (1, 1) (2, 3) (3, 3) 0x1A (26) - - - (2, 1) (2, 1) (4, 3) (5, 3) 0x1B (27) - - - (3, 1) (3, 1) (6, 3) (7, 3) 0x1C (28) - - - (4, 1) (4, 1) (8, 3) (9, 3) 0x1D (29) - - - (5, 1) (5, 1) (10, 3) (11, 3) 0x1E (30) - - - (6, 1) (6, 1) (12, 3) (13, 3) 0x1F (31) - - - (7, 1) (7, 1) (14, 3) (15, 3) 0x20 (32) - - - (8, 1) (8, 1) (0, 4) (1, 4) 0x21 (33) - - - (9, 1) (9, 1) (2, 4) (3, 4) 0x22 (34) - - - (10, 1) (10, 1) (4, 4) (5, 4) 0x23 (35) - - - (11, 1) (11, 1) (6, 4) (7, 4) 0x24 (36) - - - (12, 1) (12, 1) (8, 4) (9, 4) 0x25 (37) - - - (13, 1) (13, 1) (10, 4) (11, 4) 0x26 (38) - - - (14, 1) (14, 1) (12, 4) (13, 4) 0x27 (39) - - - (15, 1) (15, 1) (14, 4) (15, 4) 0x28 (40) - - - (16, 1) (16, 1) (0, 5) (1, 5) 0x29 (41) - - - (17, 1) (17, 1) (2, 5) (3, 5) 0x2A (42) - - - (18, 1) (18, 1) (4, 5) (5, 5) 0x2B (43) - - - (19, 1) (19, 1) (6, 5) (7, 5) 0x2C (44) - - - (20, 1) (20, 1) (8, 5) (9, 5) 0x2D (45) - - - (21, 1) (21, 1) (10, 5) (11, 5) 0x2E (46) - - - (22, 1) (22, 1) (12, 5) (13, 5) 0x2F (47) - - - (23, 1) (23, 1) (14, 5) (15, 5) Register Address Matrix Configuration 24x1 24x2 24x4 16x8 Even-number row Odd-number row 0x30 (48) - - - - - - (0, 2) (0, 6) (1, 6) 0x31 (49) - - - - - - (1, 2) (2, 6) (3, 6) 0x32 (50) - - - - - - (2, 2) (4, 6) (5, 6) 0x33 (51) - - - - - - (3, 2) (6, 6) (7, 6) 0x34 (52) - - - - - - (4, 2) (8, 6) (9, 6) 0x35 (53) - - - - - - (5, 2) (10, 6) (11, 6) 0x36 (54) - - - - - - (6, 2) (12, 6) (13, 6) 0x37 (55) - - - - - - (7, 2) (14, 6) (15, 6) 0x38 (56) - - - - - - (8, 2) (0, 7) (1, 7) 0x39 (57) - - - - - - (9, 2) (2, 7) (3, 7) 0x3A (58) - - - - - - (10, 2) (4, 7) (5, 7) 0x3B (59) - - - - - - (11, 2) (6, 7) (7, 7) 0x3C (60) - - - - - - (12, 2) (8, 7) (9, 7) 0x3D (61) - - - - - - (13, 2) (10, 7) (11, 7) 0x3E (62) - - - - - - (14, 2) (12, 7) (13, 7) 0x3F (63) - - - - - - (15, 2) (14, 7) (15, 7) 0x40 (64) - - - - - - (16, 2) - - - - - - 0x41 (65) - - - - - - (17, 2) - - - - - - 0x42 (66) - - - - - - (18, 2) - - - - - - 0x43 (67) - - - - - - (19, 2) - - - - - - 0x44 (68) - - - - - - (20, 2) - - - - - - 0x45 (69) - - - - - - (21, 2) - - - - - - 0x46 (70) - - - - - - (22, 2) - - - - - - 0x47 (71) - - - - - - (23, 2) - - - - - - 0x48 (72) - - - - - - (0, 3) - - - - - - 0x49 (73) - - - - - - (1, 3) - - - - - - 0x4A (74) - - - - - - (2, 3) - - - - - - 0x4B (75) - - - - - - (3, 3) - - - - - - 0x4C (76) - - - - - - (4, 3) - - - - - - 0x4D (77) - - - - - - (5, 3) - - - - - - 0x4E (78) - - - - - - (6, 3) - - - - - - 0x4F (79) - - - - - - (7, 3) - - - - - - 0x50 (80) - - - - - - (8, 3) - - - - - - 0x51 (81) - - - - - - (9, 3) - - - - - - 0x52 (82) - - - - - - (10, 3) - - - - - - 0x53 (83) - - - - - - (11, 3) - - - - - - 0x54 (84) - - - - - - (12, 3) - - - - - - 0x55 (85) - - - - - - (13, 3) - - - - - - 0x56 (86) - - - - - - (14, 3) - - - - - - 0x57 (87) - - - - - - (15, 3) - - - - - - 0x58 (88) - - - - - - (16, 3) - - - - - - 0x59 (89) - - - - - - (17, 3) - - - - - - 0x5A (90) - - - - - - (18, 3) - - - - - - 0x5B (91) - - - - - - (19, 3) - - - - - - 0x5C (92) - - - - - - (20, 3) - - - - - - 0x5D (93) - - - - - - (21, 3) - - - - - - 0x5E (94) - - - - - - (22, 3) - - - - - - 0x5F (95) - - - - - - (23, 3) - - - - - - |