| データシートサーチシステム |
|
E32-R16 データシート(PDF) 70 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 データシート(HTML) 70 Page - Omron Electronics LLC |
|
70 / 108 page ![]() E32 E32 71 E32-DC200 with E3X-DAN amplifier (Reflective) E32-CC200 with E3X-DAN amplifier (Reflective) E32-D11L with E3X-DAN amplifier (Convergent Reflective) High speed Long distance Standard Highspeed Standard Long distance Distance X (mm) Distance X (mm) Distance X (mm) High speed Standard Long distance J OPERATING RANGE (TYPICAL) With standard sensing object at max. sensitivity. (Use for the positioning of the object and Sensor.) J OPERATING RANGE Through-beam, General Purpose Type E32-T11 with E3X-DAN amplifier E32-T11 with E3JU-XR amplifier E32-T11 with E3X-NH amplifier Standard Long distance High speed 60 20 0 -20 -40 -60 40 200 300 0 100 Sensing distance (mm) Sensing distance X (mm) Sensing distance X (mm) E32-TC200 (Through-beam) E32-T11R (Through-beam) Standard Long distance Highspeed Standard Long distance Distance X (m) Distance X (m) High speed |