| データシートサーチシステム |
|
E32-R16 データシート(PDF) 79 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 データシート(HTML) 79 Page - Omron Electronics LLC |
|
79 / 108 page ![]() E32 E32 80 J OPERATING RANGE (CONT.) Through-beam, High Temperature Type E32-T51 with E3JU-XR amplifier E32-T61 with E3X-NH amplifier 100 50 0 -50 -100 0 200 400 600 Sensing distance (mm) E32-T61 with E3X-H11 amplifier Sensing distance X (mm) Sensing distance X (mm) Through-beam, Special Purpose Type E32-M21 with E3X-A11 amplifier E32-M21 with E3X-NH amplifier E32-T12F with E3X-NH amplifier E32-T12F with E3X-A, E3X-F, and E3X-VG amplifiers E32-T12F with E3X-H11 amplifier Sensing distance (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (cm) Sensing distance X (mm) E32-T84S with E3X-NH amplifier E32-T22S with E3X-NH amplifier E32-T24S with E3X-NH amplifier Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) |