| データシートサーチシステム |
|
E32-R16 データシート(PDF) 85 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 データシート(HTML) 85 Page - Omron Electronics LLC |
|
85 / 108 page ![]() E32 E32 86 J OPERATING RANGE (CONT.) Diffuse, Side Beam Type E3X-Aj E3X-Fj E3X-VGj X Y E32-D14L with E3X-A, E3X-F and E3X-VG amplifiers E32-D24 with E3X-A and E3X-F amplifiers E32-D51 with E3X-A and E3X-F amplifiers E32-D51 with E3X-NH amplifier E32-D51 with E3JU-XR amplifier Diffuse, High Temperature Type Target 30 20 10 0 -10 -20 -30 050100 150 Sensing distance (mm) E32-D61 with E3X-A and E3X-F amplifiers E32-D73 with E3X-A and E3X-F amplifiers E3X-Fj E3X-Aj E3X-Aj E3X-Fj Sensing object E3X-Aj E3X-Fj Sensing object E3X-Fj E3X-Aj Sensing object Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) Sensing distance X (mm) |