| データシートサーチシステム |
|
V680-HS65-R データシート(PDF) 20 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R データシート(HTML) 20 Page - Omron Electronics LLC |
|
20 / 59 page ![]() V680 Series 20 Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna. The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their dimensions are larger than the dimensions of the Antenna (100 × 100 mm). For details, refer to the User’s Manual (Cat. No. Z248 or Z262). * The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680S-D2KF68 V680-HS63 Read distance 0 to 45.0 (axis offset ±10) Write distance 0 to 45.0 (axis offset ±10) V680-HS65 Read distance 0 to 75.0 (axis offset ±10) Write distance 0 to 75.0 (axis offset ±10) V680-H01-V2 Read distance 0 to 150.0 (axis offset ±10) Write distance 0 to 150.0 (axis offset ±10) V680S-D2KF68M V680-HS63 Read distance 0 to 35.0 (axis offset ±10) Write distance 0 to 35.0 (axis offset ±10) V680-HS65 Read distance 0 to 55.0 (axis offset ±10) Write distance 0 to 55.0 (axis offset ±10) V680-D2KF52M V680-HS51 Read distance 0.5 to 5.5 (axis offset ±2) Write distance 0.5 to 5.5 (axis offset ±2) V680-HS52 Read distance 0 to 8.0 (axis offset ±2) Write distance 0 to 8.0 (axis offset ±2) V680-HS63 Read distance 0 to 9.5 (axis offset ±2) Write distance 0 to 9.5 (axis offset ±2) V680-D2KF52M (embedded in metallic surface: steel) V680-HS51 Read distance 0 to 3.5 (axis offset ±2) Write distance 0 to 3.5 (axis offset ±2) V680-HS52 Read distance 0 to 3.0 (axis offset ±2) Write distance 0 to 3.0 (axis offset ±2) Non-metallic Non-metallic V680-HS63 V680S- D2KF68 Resin, plastic, wood, etc. Resin, plastic, wood, etc. V680-HS65 V680S- D2KF68 Non-metallic Resin, plastic, wood, etc. Metallic V680-H01-V2 V680S- D2KF68 Non-metallic Resin, plastic, wood, etc. Non-metallic V680-HS63 V680S- D2KF68M Non-metallic Resin, plastic, wood, etc. Metallic V680-HS65 V680S- D2KF68M Metallic Metallic V680-D2KF52M V680-HS51 Metallic Non-metallic Resin, plastic, wood, etc. V680-D2KF52M V680-HS52 Non-metallic Non-metallic Resin, plastic, wood, etc. * Non-metallic V680-HS63 V680- D2KF52M Non-metallic Resin, plastic, wood, etc. * V680-D2KF52M V680-HS51 Metallic Metallic V680-D2KF52M V680-HS52 Metallic Non-metallic * |