| データシートサーチシステム |
|
V680-HS65-R データシート(PDF) 35 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R データシート(HTML) 35 Page - Omron Electronics LLC |
|
35 / 59 page ![]() 35 V680 Series 2-kbyte Memory Bolt RF Tags 8-kbyte Memory RF Tag The values given for communications ranges are reference values. Refer to pages 21 to 22 for communications distance specifications. The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely when installing a system. V680-HS63 (mounted on non-metallic material) & V680-D2KF52M (embedded in non-metallic material) V680-HS52 (embedded in Non-Metal) & V680S-D2KF67 (mounted on non-metallic material) V680-HS51 (embedded in metallic material) & V680-D2KF52M-BT01 (mounted in metal/non-metallic material) V680-HS51 (embedded in metallic material) & V680-D2KF52M-BT11 (mounted in metal/non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D2KF52M-BT01 (mounted in metal/non-metallic material) V680-HS52 (embedded in non-metallic material) &V680S-D8KF67 V680-HS63 (mounted on non-metallic material) &V680S-D8KF67 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y Read Write Read Write 40 60 80 20 100 Y X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write |