| データシートサーチシステム |
|
V680-HS65-R データシート(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R データシート(HTML) 3 Page - Omron Electronics LLC |
|
3 / 59 page ![]() 3 V680 Series Combinations of Amplifier Units, Antennas, and RF Tags 1-kbyte RF Tags 2-kbyte RF Tags 8-kbyte RF Tags Note: For details, refer to the relevant user’s manual (Z248, Z249, Z262, Z271, Z272, Z278, Z279, and Z339). * When using the V680-D1KP52MT or V680-D2KF52M embedded in metal, use the V680-HS51/-HS52 Antenna. Communications will not be possible if the V680-HS63 Antenna is used. Communications will not be possible if the V680-HS65 Antenna is used with the V680-D1KP52MT, V680-D1KP53M, or V680-D2KF52M. Communication is also possible with RF Tags other than those of the V680 Series as long as they comply with ISO/IEC 18000-3 (ISO/IEC 15693). However, communication with RF Tags other than those of the V680 Series cannot be assured. The user must confirm communication capabilities carefully prior to use. Amplifier Unit Antenna EEP-ROM 1-kbyte V680- D1KP52MT V680- D1KP53M V680- D1KP54T V680- D1KP66T V680- D1KP66MT V680- D1KP66T- SP V680- D1KP58HTN V680- D1KP52M- BT @1 V680-HA63A V680-HAM42-DRT V680-HAM @1 V680-HS51 Yes Yes Yes V680-HS52- @ Yes Yes Yes Yes Yes Yes Yes V680-HS63- @ Yes * Yes Yes Yes Yes V680-HS65- @ Yes Yes Yes Yes Yes V680-HAM42-PRT V680-HS63-W Yes * Yes Yes Yes V680-HS65-W Yes Yes Yes V680-H01-V2 (Antenna with Built-in Amplifier) Yes Yes V680-CH @D (Handheld Reader Writer) Yes Yes Yes Yes Yes Yes Amplifier Unit Antenna FRAM 2-kbyte V680- D2KF52M V680- D2KF52M- BT @1 V680S- D2KF67 V680S- D2KF67M V680S- D2KF68 V680S- D2KF68M V680-HA63B V680-HAM42-DRT V680-HAM @1 V680-HS51 Yes Yes V680-HS52- @ Yes Yes Yes Yes V680-HS63- @ Yes * Yes Yes Yes Yes V680-HS65- @ Yes Yes Yes Yes V680-HAM42-PRT V680-HS63-W Yes Yes Yes Yes V680-HS65-W Yes Yes Yes Yes V680-H01-V2 (Antenna with Built-in Amplifier) Yes Yes V680-CH @D (Handheld Reader Writer) Yes Yes Yes Yes Yes Amplifier Unit Antenna FRAM 8-kbyte V680S- D8KF67 V680S- D8KF67M V680S- D8KF68 V680S- D8KF68M V680-HA63B V680-HAM42-DRT V680-HAM @1 V680-HS51 V680-HS52- @ Yes Yes V680-HS63- @ Yes Yes Yes Yes V680-HS65- @ Yes Yes Yes Yes V680-HAM42-PRT V680-HS63-W Yes Yes Yes Yes V680-HS65-W Yes Yes Yes Yes V680-H01-V2 (Antenna with Built-in Amplifier) Yes Yes V680-CH @D (Handheld Reader Writer) Yes Yes Yes Yes |