データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K24C02 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 K24C02
部品情報  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

K24C02 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button K24C02 Datasheet HTML 5Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 6Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 7Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 8Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 9Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 10Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 11Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 12Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2K bits (256 X 8) / 4K bits (512 X 8) / 8K bits (1024 X 8) / 16K bits (2048 X 8 )
Two-wire Serial EEPROM
V1.7
Summer 2012
.008.
.008.
Figure 7: Current Address Read
Figure 8: Random Read
Figure 9: Sequential Read
SDA LINE
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
N
O
A
C
K
S
T
O
P
R
E
A
D
DATA
SDA LINE
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
M
S
B
L
S
B
A
C
K
WORD
ADDRESS
W
R
I
T
E
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
N
O
A
C
K
S
T
O
P
R
E
A
D
DATA
DUMMY WRITE
DEVICE
ADDRESS
R
/
W
A
C
K
DATA (n )
A
C
K
A
C
K
DATA (n+1 )
DATA (n+2 )
R
E
A
D
SDA LINE
A
C
K
N
O
A
C
K
S
T
O
P
DATA (n+x )
K24C02/K24C04/K24C08/K24C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com