データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K24C02 データシート(PDF) 17 Page - List of Unclassifed Manufacturers

部品番号 K24C02
部品情報  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

K24C02 データシート(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button K24C02 Datasheet HTML 12Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 13Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 14Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 15Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 16Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 17Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 18Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 19Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2K bits (256 X 8) / 4K bits (512 X 8) / 8K bits (1024 X 8) / 16K bits (2048 X 8 )
Two-wire Serial EEPROM
V1.7
Summer 2012
.016.
.0 .
8-pad DFN package diagram
K24C02/K24C04/K24C08/K24C16
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
MAX
b
0.18
0.30
c
0.18
0.25
A
0.70
0.80
A1
-
0.05
D
1.90
2.10
D2
1.50 REF
e
0.50 BSC
1.50 BSC
1.60 BSC
Nd
E
2.90
3.10
E2
L
0.30
0.50
h
0.20
0.30
A1
D
1
2
E
A
b
h
L
e
Nd
D2
E2
c
Top View
End View
Bottom View
Side View
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com