データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K24C02 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 K24C02
部品情報  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

K24C02 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  K24C02 Datasheet HTML 1Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 2Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 3Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 4Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 5Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 6Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 7Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 8Page - List of Unclassifed Manufacturers K24C02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2K bits (256 X 8) / 4K bits (512 X 8) / 8K bits (1024 X 8) / 16K bits (2048 X 8)
Two-wire Serial EEPROM
K24C02/K24C04/K24C08/K24C16
V1.7
Summer 2012
.001.
.001.
Wide Voltage Operation
- VCC = 1.7V to 5.5V
Operating Ambient Temperature: -40℃ to +85℃
Internally Organized:
- K24C02, 256 X 8 (2K bits)
- K24C04, 512 X 8 (4K bits)
- K24C08, 1024 X 8 (8K bits)
- K24C16, 2048 X 8 (16K bits)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
1 MHz (5V), 400 kHz (1.7V, 2.5V, 2.7V) Compatibility
Write Protect Pin for Hardware Data Protection
8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes
Partial Page Writes Allowed
Self-timed Write Cycle (5 ms max)
High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
8-lead PDIP/SOP/MSOP/TSSOP, 8-pad DFN, and SOT23-5
Features
General Description
The K24C02/K24C04/K24C08/K24C16
provides 2048/4096/8192/16384
bits
of
serial electrically
erasable
and
programmable read-only memory (EEPROM) organized as 256/512/1024/2048 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power and low-voltage operation are
essential. The K24C02/K24C04/K24C08/K24C16 is available
in space-saving
8-lead PDIP, 8-lead SOP, 8-lead
MSOP, 8-lead TSSOP, 8-pad DFN, and SOT23-5 packages and is accessed via a two-wire serial interface.
Pin Configuration
Pin Name
A0 - A2
SDA
SCL
GND
WP
VCC
Write Protect
Address Inputs
Serial Data
Serial Clock Input
Ground
Power Supply
Founctions
Table 1: Pin Configuration
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
GND
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
8-lead PDIP
8-lead SOP
8-lead TSSOP
packages
A0
A1
A2
SDA
SCL
WP
VCC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
8-lead MSOP
SDA
SCL
WP
VCC
A0
A1
A2
GND
8-pad DFN
SOT23-5
5
6
7
8
4
3
2
1
5
4
1
3
2
SDA
GND
SCL
WP
VCC
Bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com