| データシートサーチシステム |
|
STC89C53RC データシート(PDF) 113 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89C53RC データシート(HTML) 113 Page - STCmicro Technology Co,.Ltd |
|
113 / 165 page ![]() STC MCU INTERNAL BUS SBUF ZERO DETECTOR TX CONTROL SHIFT SEND START TX CLOCK TI D S Q CL RX CONTROL SHIFT RECEIVE START RX CLOCK RI INPUT SHIFT REG . SBUF STC MCU INTERNAL BUS WRITE TO SBUF SHIFT RXD/P3.0 OUTPUT FUNCTION 11111110 SHIFT CLOCK TXD/P3.1 OUTPUT FUNCTION SHIFT RXD/P3.0 INPUT FUNCTION LOAD SBUF READ SBUF SERIAL PORT INTERRUPT REN RI WRITE TO SBUF SEND SHIFT D1 D0 D2 D3 D4 D5 D6 D7 RXD(DATA OUT) TXD(SHIFT CLOCK) TI WRITE TO SCON(CLEAR RI) RI RECEIVE SHIFT TXD(SHIFT CLOCK) RXD(DATA IN) D0 D1 D2 D3 D4 D5 D6 D7 TRANSMIT RECEIVE Serial Port Mode 0 SYSclk/12 113 |