| データシートサーチシステム |
|
ADM1266ACPZ-R7 データシート(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1266ACPZ-R7 データシート(HTML) 6 Page - Analog Devices |
|
6 / 62 page ![]() ADM1266 Data Sheet Rev. A | Page 6 of 62 TJ = −40°C to +85°C, VH1 and VH2 > 3 V, unless otherwise noted. Accuracy (%) = (measured voltage − applied voltage) × 100/applied voltage. Table 2. Parameter Min Typ Max Unit Test Conditions/Comments ADC, SINGLE-ENDED Accuracy of VHx Pins 6 V to 15 V ±0.64 % VHx = 10.623 V 3 V to 7.5 V ±0.64 % VHx = 5.311 V 1.5 V to 3.75 V ±0.62 % VHx = 2.656 V 750 mV to 1.875 V ±0.66 % VHx = 1.328 V 400 mV to 1 V ±0.69 % VHx = 708 mV Accuracy of VPx Pins 2 V to 5 V ±0.90 % VPx = 3.541 V 1.5 V to 3.75 V ±0.79 % VPx = 2.656 V 750 mV to 1.875 V ±0.70 % VPx = 1.328 V 400 mV to 1 V Direct ±0.67 % VPx = 708 mV High-Z ±0.66 % VPx = 708 mV SUPPLY FAULT DETECTORS Accuracy of VHx Pins 6 V to 15 V ±0.73 % VHx = 10.623 V 3 V to 7.5 V ±0.67 % VHx = 5.311 V 1.5 V to 3.75 V ±0.64 % VHx = 2.656 V 750 mV to 1.875 V ±0.79 % VHx = 1.328 V 400 mV to 1 V ±1.02 % VHx = 708 mV Accuracy of VPx Pins 2 V to 5 V ±1.15 % VPx = 3.541 V 1.5 V to 3.75 V ±0.98 % VPx = 2.656 V 750 mV to 1.875 V ±0.85 % VPx = 1.328 V 400 mV to 1 V Direct ±0.80 % VPx = 708 mV High-Z ±0.78 % VPx = 708 mV ADC, DIFFERENTIAL Accuracy of VPx Pins with 16× Averaging 2 V to 5 V ±0.99 % VPx = 3.541 V 1.5 V to 3.75 V ±0.82 % VPx = 2.656 V 750 mV to 1.875 V ±0.64 % VPx = 1.328 V 400 mV to 1 V Direct ±0.63 % VPx = 708 mV High-Z ±0.61 % VPx = 708 mV |