データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FR9765 データシート(PDF) 3 Page - Fitipower Integrated Technology Inc.

部品番号 FR9765
部品情報  24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9765 データシート(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FR9765 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FR9765-1.0-MAR-2012
FR9765
85T
fitipower integrated technology lnc.
Functional Pin Description
Pin Name
Pin No.
Pin Function
BS
1
High Side Gate Drive Boost Input.
A 10nF or greater capacitor must be connected from this pin to SW.
It can boost the gate drive to fully turn on the internal high side NMOS.
VIN
2
Power Supply Input Pin.
Drive 4.75V to 24V voltage to this pin to power on this chip.
Connect two
22μF ceramic bypass capacitors between VIN and GND to eliminate noise.
SW
3
Power Switching Output.
It is the output pin of internal high side NMOS which is the switch to supply
power.
GND
4
Ground Pin.
Connect this pin to exposed pad.
FB
5
Voltage Feedback Input Pin.
Connect FB and VOUT with a resistive voltage divider.
This IC senses
feedback voltage via FB and regulates it at 0.925V.
COMP
6
Compensation Pin.
This pin is used to compensate the regulation control loop.
Connect a series RC
network from COMP pin to GND.
EN
7
Enable Input Pin.
This pin provides a digital control to turn the converter on or off.
For automatic
startup, leave EN unconnected.
SS
8
Soft-Start Input Pin.
This pin controls the soft-start period.
Connect a capacitor from SS to GND to
set the soft start period.
Block Diagram
Oscillator
180KHZ / 1.4MHZ
REGULATOR
FB
COMP
EN
VIN
BS
SW
GND
VIN UVLO
6μA
OTP
CLK
0.5V
+
Error
Amplifier
0.925V
Current Sense
Amplifier
+
SS
Current
Comparator
2.5V
1μA
1.4V
S
R
Q
Q
SET
CLR
6.5V
High-Side
MOSFET
Low-Side
MOSFET
Figure 5. Block Diagram of FR9765



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com