データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FR9765 データシート(PDF) 1 Page - Fitipower Integrated Technology Inc.

部品番号 FR9765
部品情報  24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9765 データシート(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FR9765 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FR9765-1.0-MAR-2012
FR9765
85T
fitipower integrated technology lnc.
24V, 3A, 1.4MHz Asynchronous Step-Down
DC/DC Converter
Pin Assignments
SP Package (SOP-8 Expose Pad)
SW
SS
VIN
BS
FB
COMP
EN
GND
2
3
4
6
5
7
8
1
Figure 1. Pin Assignment of FR9765
Ordering Information
Description
The
FR9765
is
a
1.4MHZ step-down DC/DC
converter that provides wide 4.75V to 24V input
voltage range and 3A continuous load current
capability.
Fault protection includes cycle-by-cycle current limit,
input UVLO and thermal shutdown.
Besides,
adjustable soft-start function prevents inrush current
at turn-on.
This device uses current mode control
scheme that provides fast transient response.
In
shutdown mode, the supply current is about 10
μA.
The FR9765 is available in SOP-8 (exposed pad)
package, which provides a very compact system
solution and good thermal conductance.
Features
● Wide Input Voltage from 4.75V to 24V
● 3A Output Current
● Adjustable Output Voltage from 0.925V to 16V
● 100mΩ Integrated Power MOSFET
● High Efficiency up to 90%
● Fixed 1.4MHz Switching Frequency
● Current Mode Operation
● Adjustable Soft-Start
● Cycle-by-Cycle Current Limit
● Input Under Voltage Lockout
● Over-Temperature Protection
● 10μA Shutdown Current
● Thermal Enhanced SOP-8 (Exposed Pad) Package
● RoHS Compliant
Applications
● Set-Top-Box
● DVD,LCD Display
● OLPC, Netbook
● Distributed Power System
● DSL Modem
FR9765
□□□
G: Green
TR: Tape/Reel
Package Type
SP: SOP-8 (Exposed Pad)


同様の部品番号 - FR9765

メーカー部品番号データシート部品情報
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9761MSGTR FITIPOWER-FR9761MSGTR Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
More results

同様の説明 - FR9765

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com