データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FR9765 データシート(PDF) 8 Page - Fitipower Integrated Technology Inc.

部品番号 FR9765
部品情報  24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FITIPOWER [Fitipower Integrated Technology Inc.]
ホームページ  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9765 データシート(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FR9765 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9765 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FR9765-1.0-MAR-2012
FR9765
85T
fitipower integrated technology lnc.
Function Description
The FR9765 is a constant frequency current mode
step-down
asynchronous
DC/DC
converter.
It
regulates input voltage from 4.75V to 24V, down to
output voltage as low as 0.925V, and provides 3A of
continuous load current.
Control Loop
During normal operation, the output voltage is sensed
at FB pin by a resistive voltage divider and amplified
through the error amplifier.
The voltage of error
amplifier output pin
– COMP is compared to the
switch current to control the RS latch.
At each cycle,
the high side NMOS will be turned on when the
oscillator sets the RS latch and turned off when
current comparator resets the RS latch.
When the
load current increases, the FB pin voltage will drop
below 0.925V, and it will cause the COMP voltage
increasing until average inductor current arrives at
new load current.
Enable
The FR9765 EN pin provides digital control to turn
on/off the regulator.
When the voltage of EN
exceeds the threshold voltage, the regulator will start
the soft start function.
If the EN pin voltage is below
the threshold voltage, only the bandgap voltage will
be alive.
If the EN pin voltage is below the
shutdown threshold voltage, the regulator will be
disabled and turn into the shutdown mode.
Maximum Load Current
The maximum load current decreases at lower input
voltage because of large IR drop on the high side
switch
and
low
side
switch.
The
slope
compensation signal reduces the peak inductor
current as a function of the duty cycle to prevent
sub-harmonic oscillations when duty cycles are
greater than 50%.
Input Under Voltage Lockout
When the FR9765 is power on, the internal circuits
will be held inactive until VIN exceeds the input
UVLO threshold voltage.
And the regulator will be
disabled when VIN is below the input UVLO
threshold voltage.
The hysteretic of the UVLO
comparator is 400 mV.
Short Circuit Protection
The
FR9765
provides
short
circuit
protection
function to prevent the device damaged from short
condition.
When the output is short to ground, the
oscillator frequency will be reduced to prevent the
inductor current increasing beyond the current limit.
In the meantime, the current limit will also be
reduced to lower the short current.
Once the short
condition is removed, the frequency and current limit
will return to normal.
Over Temperature Protection
The FR9765 incorporates an over temperature
protection circuit to protect itself from overheating.
When the junction temperature exceeds the thermal
shutdown threshold temperature, the regulator will
be shut down.
Compensation
The stability of the feedback circuit is controlled by
COMP pin.
The compensation value of the
application
circuit
is
optimized
for
particular
requirements.
If different conversions are required,
some of the components may need to be changed to
ensure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com