| データシートサーチシステム |
|
HT1621B データシート(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
HT1621B データシート(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
9 / 14 page ![]() HT1621 www.artschip.com 9 Read-Modify-Write Mode (Successive Address Accessing) Command Mode (Command Code : 100) Mode (Data and Command Mode) Note: It is recommended that the host controller should read in the data from the DATA line between the rising edge of the line and the falling edge of the next line. |