データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT1621B データシート(PDF) 11 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

部品番号 HT1621B
部品情報  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
ホームページ  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621B データシート(HTML) 11 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1621B Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
HT1621
www.artschip.com
11
Name
ID
Command Code
D/C
Function
Def.
TONE OFF
100
0000-1000-X
C
Turn off tone outputs
Yes
TONE ON
100
0000-1001-X
C
Turn on tone outputs
CLR TIMER
100
0000-11XX-X
C
Clear the contents of time base generator
CLR WDT
100
0000-111X-X
C
Clear the contents of WDT stage
XTAL 32K
100
0001-01XX-X
C
System clock source, crystal oscillator
RC 256K
100
0001-10XX-X
C
System clock source, on-chip RC oscillator
Yes
EXT 256K
100
0001-11XX-X
C
System clock source, external clock source
BIAS 1/2
100
0010-abX0-X
C
LCD 1/2 bias option
ab=00:2 commons option
ab=01:3 commons option
ab=10:4 commons option
BIAS 1/3
100
0010-abX1-X
C
LCD 1/3 bias option
ab=00:2 commons option
ab=01:3 commons option
ab=10:4 commons option
TONE 4K
100
010X-XXXX-X
C
Tone frequency, 4kHz
TONE 2K
100
011X-XXXX-X
C
Tone frequency, 2kHz
DIS
100
100X-0XXX-X
C
Disable
output
Yes
EN
100
010X-1XXX-X
C
Enable
output
F1
100
101X-X000-X
C
Time base/WDT clock output: 1Hz
The WDT time-out flag after: 4s
F2
100
101X-X001-X
C
Time base/WDT clock output: 2Hz
The WDT time-out flag after: 2s
F4
100
101X-X010-X
C
Time base/WDT clock output: 4Hz
The WDT time-out flag after: 1s
F8
100
101X-X011-X
C
Time base/WDT clock output: 8Hz
The WDT time-out flag after: 1/2s
F16
100
101X-X100-X
C
Time base/WDT clock output: 16Hz
The WDT time-out flag after: 1/4s
F32
100
101X-X101-X
C
Time base/WDT clock output: 32Hz
The WDT time-out flag after: 1/8s
F64
100
101X-X110-X
C
Time base/WDT clock output: 64Hz
The WDT time-out flag after: 1/16s
F128
100
101X-X111-X
C
Time base/WDT clock output: 128Hz
The WDT time-out flag after: 1/32s
Yes
TEST
100
1110-0000-X
C
Test mode, user don’t use.
NORMAL
100
1110-0011-X
C
Normal mode
Yes
Note: x: Don’t care
A5
~A0:RAM addresses
D3
~D0: RAM data
D/C: Data/command mode
Def.: Power on reset default
All the bold forms, namely 110,101, and 100, are mode commands, of these, 100 indicates the command mode ID. If successive
commands have been issued, the command mode ID except for the first command will be omitted. The source of the tone frequency
and of the time base/WDT clock frequency can be derived from an on-chip 256kHz RC oscillator, a 32.768kHz crystal oscillator, or an
external 256kHz clock. Calculation of the frequency is based on the system frequency sources as stated above. It is recommended
that the host controller should initialize the HT1621 after power on reset, for power on reset may fail, which in turn leads to the
malfunctioning of the HT1621.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14