データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT1621B データシート(PDF) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

部品番号 HT1621B
部品情報  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
ホームページ  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1621B データシート(HTML) 10 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT1621B Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1621B Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HT1621
www.artschip.com
10
Application Circuits
Host Controller with an HT1621 Display System
Note: The connection of
and
pin can be selected depending on the requirement of the MCU.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD = 5V, VLCD = 4V, VR=15kΩ ± 20%.
Adjust R (external pull-high resistance) to fit user’s time base clock.
In order to obtain the correct frequency, two additional load capacities (C1,C2) are needed. The value of the capacity depends
on how accurate the crystal is. We suggest that you can follow the table, which suggests the value of capacities.
The table illustrations the suggestion value of capacities (C1,C2)
Crystal Error
Capacity Value
±10ppm
0
~10p
10
~20ppm
10
~20p
Command Summary
Name
ID
Command Code
D/C
Function
Def.
READ
110
A5A4A3A2A1A0D0D1D2D3
D
Read data from the RAM
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
Write data to the RAM
READ-MODIFY-
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
READ and WRITE to the RAM
SYS DIS
100
0000-0000-X
C
Turn off both system oscillator and LCD
Bias generator
Yes
SYS EN
100
0000-0001-X
C
Turn on system oscillator
LCD OFF
100
0000-0010-X
C
Turn off LCD bias generator
Yes
LCD ON
100
0000-0011-X
C
Turn on LCD bias generator
TIMER DIS
100
0000-0100-X
C
Disable time base output
WDT DIS
100
0000-0101-X
C
Disable WDT time-out flag output
TIMER EN
100
0000-0110-X
C
Enable time base output
WDT EN
100
0000-0111-X
C
Enable WDT time-out flag output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14