データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L081B データシート(PDF) 16 Page - Generalplus Technology Inc.

部品番号 GPR25L081B
部品情報  8M-BIT [x1 / x2] CMOS SERIAL FLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L081B データシート(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPR25L081B Datasheet HTML 12Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 13Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 14Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 15Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 16Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 17Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 18Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 19Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
GPR25L081B
© Generalplus Technology Inc.
Proprietary & Confidential
16
DEC. 15, 2010
Version: 1.1
While Program/Erase operation is in progress, it will not decode
the RDID instruction, so there's no effect on the cycle of
program/erase operation which is currently in progress.
When
CS# goes high, the device is at standby stage.
10.15.Read Electronic Manufacturer ID & Device ID
(REMS)
The REMS instruction is an alternative to the Release from
Power-down/Device ID instruction that provides both the JEDEC
assigned manufacturer ID and the specific device ID.
The REMS instruction is very similar to the Release from
Power-down/Device ID instruction.
The instruction is initiated by
driving the CS# pin low and shift the instruction code "90h" or
"EFh" followed by two dummy bytes and one bytes address
(A7~A0).
After which, the Manufacturer ID and the Device ID are
shifted out on the fallingedge of SCLK with most significant bit
(MSB) first as shown in figure 26.
The Device ID values are
listed in Table of ID Definitions.
If the one-byte address is initially
set to 01h, then the device ID will be read first and then followed
by the Manufacturer ID.
The Manufacturer and Device IDs can
be read continuously, alternating from one to the other.
The
instruction is completed by driving CS# high.
Table6. ID Definitions
Command Type
GPR25L081B
manufacturer ID
memory type
memory density
RDID Command
C2
20
14
electronic ID
RES Command
13
manufacturer ID
device ID
REMS
C2
13
10.16.Enter Secured OTP (ENSO)
The ENSO instruction is for entering the additional 512 bit secured
OTP mode.
The additional 512 bit secured OTP is independent
from main array, which may use to store unique serial number for
system identifier.
After entering the Secured OTP mode, and
then follow standard read or program, procedure to read out the
data or update data.
The Secured OTP data cannot be updated
again once it is lock-down.
Please note that WRSR/WRSCUR commands are not acceptable
during the access of secure OTP region, once security OTP is lock
down, only read related commands are valid.
10.17.Exit Secured OTP (EXSO)
The EXSO instruction is for exiting the additional 512 bit secured
OTP mode.
10.18.Read Security Register (RDSCUR)
The RDSCUR instruction is for reading the value of Security
Register bits.
The Read Security Register can be read at any
time (even in program/erase/write status register/write security
register condition) and continuously.
The definition of the Security Register bits is as below:
Secured OTP Indicator bit. The Secured OTP indicator bit shows
the chip is locked by factory before ex- factory or not.
When it is
"0", it indicates non- factory lock; "1" indicates factory- lock.
Lock-down Secured OTP (LDSO) bit. By writing WRSCUR
instruction, the LDSO bit may be set to "1" for customer lock-down
purpose.
However, once the bit is set to "1" (lock-down), the
LDSO bit and the 512 bit Secured OTP area cannot be update any
more.
While it is in 512 bit secured OTP mode, array access is
not allowed.
Table7. Security Register Definition
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
x
x
x
x
x
x
LDSO (indicate if lock-down)
Secured OTP indicator bit
reserved
reserved
reserved
reserved
reserved
reserved
0 = not lockdown
1 = lock-down
(cannot program/erase OTP)
0 = nonfactory lock
1 = factory lock
volatile bit
volatile bit
volatile bit
volatile bit
volatile bit
volatile bit
non-volatile bit
non-volatile bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com