データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L081B データシート(PDF) 23 Page - Generalplus Technology Inc.

部品番号 GPR25L081B
部品情報  8M-BIT [x1 / x2] CMOS SERIAL FLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L081B データシート(HTML) 23 Page - Generalplus Technology Inc.

Back Button GPR25L081B Datasheet HTML 19Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 20Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 21Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 22Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 23Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 24Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 25Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 26Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 27Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
GPR25L081B
© Generalplus Technology Inc.
Proprietary & Confidential
23
DEC. 15, 2010
Version: 1.1
12.4. AC Characteristics
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fSCLK
fC
Clock Frequency for the following instructions:
FAST_READ, PP, SE, BE, CE, DP, RES, RDP, WREN, WRDI,
RDID, RDSR, WRSR
10KHz
-
86
MHz
fRSCLK
fR
Clock Frequency for READ instructions
10KHz
-
33
MHz
fTSCLK
fT
Clock Frequency for 2READ instructions
10KHz
-
80
MHz
fC=86MHz
5.5
-
-
ns
tCH(1)
tCLH
Clock High Time
fR=33MHz
13
-
-
ns
fC=86MHz
5.5
-
-
ns
tCL(1)
tCLL
Clock Low Time
fR=33MHz
13
-
-
ns
tCLCH(2)
Clock Rise Time (3) (peak to peak)
0.1
-
-
V/ns
tCHCL(2)
Clock Fall Time (3) (peak to peak)
0.1
-
-
V/ns
tSLCH
tCSS
CS# Active Setup Time (relative to SCLK)
5
-
-
ns
tCHSL
CS# Not Active Hold Time (relative to SCLK)
5
-
-
ns
tDVCH
tDSU
Data In Setup Time
2
-
-
ns
tCHDX
tDH
Data In Hold Time
5
-
-
ns
tCHSH
CS# Active Hold Time (relative to SCLK)
5
-
-
ns
tSHCH
CS# Not Active Setup Time (relative to SCLK)
5
-
-
ns
Read
15
-
-
ns
tSHSL
tCSH
CS# Deselect Time
Write
40
-
-
ns
tSHQZ(2)
tDIS
Output Disable Time
-
-
6
ns
tCLQV
tV
Clock Low to Output Valid, Loading 30pF/15pF
-
-
8/6
ns
tCLQX
tHO
Output Hold Time
0
-
-
ns
tHLCH
HOLD# Setup Time (relative to SCLK)
5
-
-
ns
tCHHH
HOLD# Hold Time (relative to SCLK)
5
-
-
ns
tHHCH
HOLD Setup Time (relative to SCLK)
5
-
-
ns
tCHHL
HOLD Hold Time (relative to SCLK)
5
-
-
ns
tHHQX(2)
tLZ
HOLD to Output Low-Z
-
-
6
ns
tHLQZ(2)
tHZ
HOLD# to Output High-Z
-
-
6
ns
tWHSL(4)
Write Protect Setup Time
20
-
-
ns
tSHWL (4)
Write Protect Hold Time
100
-
-
ns
tDP(2)
CS# High to Deep Power-down Mode
-
-
10
us
tRES1(2)
CS# High to Standby Mode without Electronic Signature Read
-
-
8.8
us
tRES2(2)
CS# High to Standby Mode with Electronic Signature Read
-
-
8.8
us
tW
Write Status Register Cycle Time
-
40
100
ms
tBP
Byte-Program
-
9
300
us
tPP
Page Program Cycle Time
-
1.4
5
ms
tSE
Sector Erase Cycle Time
-
60
300
ms
tBE
Block Erase Cycle Time
-
0.7
2
s
tCE
Chip Erase Cycle Time
-
7
15
s
Notes:
1. tCH + tCL must be greater than or equal to 1/ fC. For Fast Read, tCL/tCH=5.5/5.5.
2. Value guaranteed by characterization, not 100% tested in production.
3. Expressed as a slew-rate.
4. Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
5. Test condition is shown as Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com