データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L081B データシート(PDF) 19 Page - Generalplus Technology Inc.

部品番号 GPR25L081B
部品情報  8M-BIT [x1 / x2] CMOS SERIAL FLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L081B データシート(HTML) 19 Page - Generalplus Technology Inc.

Back Button GPR25L081B Datasheet HTML 15Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 16Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 17Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 18Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 19Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 20Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 21Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 22Page - Generalplus Technology Inc. GPR25L081B Datasheet HTML 23Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
GPR25L081B
© Generalplus Technology Inc.
Proprietary & Confidential
19
DEC. 15, 2010
Version: 1.1
Description
Address
(h) (Byte Mode)
Address (Bit)
Data
Comment
VPP Supply Maximum Voltage
01:00
00
00=not supported
VPP Supply Minimum Voltage
03:02
00
00=not supported
Supports VIO Function
04
0
0=not
supported
1=support
Supports HOLD# Function
05
1
0=not
supported
1=support
Reserved
34h
07:06
Reserved
reserved
Parallel Mode Capable
08
0
0=not
supported
1=support
Supports Single Input Address Quad Output Fast
read
09
0
0=not
supported
1=support
Supports Continuous Program Mode
10
0
0=not
supported
1=support
Supports Deep Power Down Mode
11
1
0=not
supported
1=support
OTP Capable
12
1
0=not
supported
1=support
Supports Sector Group Protect
13
1
0=not
supported
1=support
Supports independent Block Protect
14
0
0=not
supported
1=support
Supports boot Sector Protect
35h
15
0
0=not
supported
1=support
Supports 64KB Block Erase
16
1
0=not
supported
1=support
Supports 32KB Block Erase
17
0
0=not
supported
1=support
36h
23:18
Reserved
37h
31:24
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com