データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR26L160A データシート(PDF) 5 Page - Generalplus Technology Inc.

部品番号 GPR26L160A
部品情報  16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR26L160A データシート(HTML) 5 Page - Generalplus Technology Inc.

  GPR26L160A Datasheet HTML 1Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 2Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 3Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 4Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 5Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 6Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 7Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 8Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GPR26L160A
© Generalplus Technology Inc.
Proprietary & Confidential
5
Aug. 13, 2009
Version: 1.4
6. SIGNAL DESCRIPTION
6.1. Serial Data Output (Q)
This output signal is used to transfer data serially out of the device.
Data is shifted out on the falling edge of Serial Clock (C).
Serial Data Input (D).
This input signal is used to transfer data
serially into the device.
It receives instructions, addresses, and
the data to be programmed.
Values are latched on the rising
edge of Serial Clock (C).
6.2. Serial Clock (C)
This input signal provides the timing of the serial interface.
Instructions, addresses, or data present at Serial Data Input (D)
are latched on the rising edge of Serial Clock (C).
Data on Serial
Data Output (Q) changes after the falling edge of Serial Clock (C).
6.3. Chip Select (SB)
When this input signal is High, the device is deselected.
Driving
Chip Select (SB) Low enables the device, placing it in the active
power mode.
After Power-up, a falling edge on Chip Select (SB)
is required prior to the start of any instruction.
6.4. Hold (HOLDB)
The
Hold
(HOLDB)
signal
is
used
to
pause
any
serial
communications with the device without deselecting the device.
During the Hold condition, the Serial Data Output (Q) is high
impedance, and Serial Data Input (D) and Serial Clock (C) are
Don't Care.
To start the Hold condition, the device must be selected, with Chip
Select (SB) driven Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com