データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR26L160A データシート(PDF) 8 Page - Generalplus Technology Inc.

部品番号 GPR26L160A
部品情報  16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR26L160A データシート(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPR26L160A Datasheet HTML 4Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 5Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 6Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 7Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 8Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 9Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 10Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 11Page - Generalplus Technology Inc. GPR26L160A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GPR26L160A
© Generalplus Technology Inc.
Proprietary & Confidential
8
Aug. 13, 2009
Version: 1.4
9. INSTRUCTIONS
All instructions, addresses and data are shifted in and out of the
device, most significant bit first.
Serial Data Input (D) is sampled on the first rising edge of Serial
Clock (C) after Chip Select (SB) is driven Low.
Then, the
one-byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data Input (D), each bit being latched
on the rising edges of Serial Clock (C).
The instruction set is listed in Table 1.
Every instruction sequence starts with a one-byte instruction code.
Depending on the instruction, this might be followed by address
bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at
Higher Speed (Fast_Read), the shifted-in instruction sequence is
followed by a data-out sequence.
Chip Select (SB) can be driven
High after any bit of the data-out sequence is being shifted out.
Table1. Instruction Set
Instruction
Description
One-byte Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
READ
Read Data Bytes
0000 0011
03h
3
0
1 to ∞
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to ∞
9.1. Read Data Bytes (READ)
The device is first selected by driving Chip Select (SB) Low.
The
instruction code for the Read Data Bytes (READ) instruction is
followed by a 3-byte address (A23-A0), each bit being latched-in
during the rising edge of Serial Clock (C).
Then the memory
contents, at that address, is shifted out on Serial Data Output (Q),
each bit being shifted out, at a maximum frequency fR, during the
falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 4.
The first byte
addressed can be at any location.
The address is automatically
incremented to the next higher address after each byte of data is
shifted out.
The whole memory can, therefore, be read with a
single Read Data Bytes (READ) instruction.
When the highest
address is reached, the address counter rolls over to 000000h,
allowing the read sequence to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by driving
Chip Select (SB) High.
Chip Select (SB) can be driven High at
any time during data output.
SB
Note: Address bits A23, A22, A21 are Don't Care.
Figure4. Read Data Bytes (READ) Instruction Sequence and Data-Out Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com