| データシートサーチシステム |
|
GD5F1GQ4REFJS データシート(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4REFJS データシート(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
16 / 60 page ![]() SPI(x1/x2/x4) NAND Flash 1G 16 The set features command supports a dummy byte mode after the data byte as well. The features in the feature byte B0H are all volatile except OTP_PRT bit. Figure7-2. Set Features Sequence Diagram Command 0 1 2 3 4 5 6 7 1FH CS# SCLK SI SO High-Z 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 MSB 1 byte address Data byte MSB |