| データシートサーチシステム |
|
GD5F1GQ4REFJS データシート(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4REFJS データシート(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
36 / 60 page ![]() SPI(x1/x2/x4) NAND Flash 1G 36 10.8 Program Load Random Data Quad IO (72H) The Program Load Random Data Quad IO command (72H) is similar to the Program Load Random Data x4 command (C4H) but with the capability to input the 4 dummy bits, and a 12-bit column address by four pins: SIO0, SIO1, SIO2, and SIO3. The command sequence is shown below. The Quad Enable bit (QE) of feature (B0[0]) must be set to enable for the program load random data x4 command. See Figure10-6 for details. This command is only available during internal data move sequence. Figure10-6. Program Load Random Data Quad IO Sequence Diagram Command 0 1 2 3 4 5 6 7 72H CS# 8 9 10 13 14 15 16 17 18 19 20 4 0 SI(SIO0) SO(SIO1) WP#(SIO2) HOLD#(SIO3) 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte1 Byte2 CS# SI(SIO0) SO(SIO1) WP#(SIO2) HOLD#(SIO3) 23 24 25 26 22 27 28 21 31 32 33 34 30 35 36 29 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte11 4 0 5 1 6 2 7 3 Byte12 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte 2176/2112 11 12 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 SCLK SCLK Dummy<3:0> A11-A0 Note: when internal ECC disabled the Data is 2176, when internal ECC enabled the Data Byte is 2112. |