データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LE05C データシート(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LE05C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C データシート(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
23
Figure4. Write Enable for Volatile Status Register Sequence Diagram
7.4 Read Status Register (RDSR) (05H or 35H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at any
time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles is in progress, it
is recommended to check the Write in Progress (WIP) bit before sending a new command to the device. It is also possible
to read the Status Register continuously.
For command code “05H”, the SO will output Status Register bits S7~S0. The
command code “35H”, the SO will output Status Register bits S15~S8.
Figure5. Read Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
05H or 35H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
S7~S0 or S15~S8 out
S7~S0 or S15~S8 out
MSB
7.5 Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN)
command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S15, S10, S1 and S0 of the Status Register. CS# must be
driven high after the eighth or sixteen bit of the data byte has been latched in. If not, the Write Status Register (WRSR)
command is not executed. If CS# is driven high after eighth bit of the data byte, the CMP and QE and SRP1 bits will be
cleared to 0. As soon as CS# is driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated.
While the Write Status Register cycle is in progress, the Status Register may still be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it
is completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4, BP3, BP2,
BP1, and BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table 1-4. The Write Status
CS#
SCLK
Command(50H)
SI
SO
0
1
2
3
4
5
6
7
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com