データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LE05C データシート(PDF) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LE05C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C データシート(HTML) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
48
Table8. Parameter Table (1): GigaDevice Flash Parameter Tables
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
Vcc Supply Maximum Voltage
2000H=2.000V
2100H=2.100V
2700H=2.700V
3600H=3.600V
61H:60H
15:00
2100H
2100H
Vcc Supply Minimum Voltage
1650H=1.650V
2250H=2.250V
2350H=2.350V
2700H=2.700V
63H:62H
31:16
1650H
1650H
HW Reset# pin
0=not support
1=support
65H:64H
00
0b
F99EH
HW Hold# pin
0=not support
1=support
01
1b
Deep Power Down Mode
0=not support
1=support
02
1b
SW Reset
0=not support
1=support
03
1b
SW Reset Opcode
Should be issue Reset
Enable(66H)
before Reset cmd.
11:04
99H
Program Suspend/Resume
0=not support
1=support
12
1b
Erase Suspend/Resume
0=not support
1=support
13
1b
Unused
14
1b
Wrap-Around Read mode
0=not support
1=support
15
1b
Wrap-Around
Read
mode
Opcode
66H
23:16
77H
77H
Wrap-Around Read data length
08H:support 8B wrap-around read
16H:8B&16B
32H:8B&16B&32B
64H:8B&16B&32B&64B
67H
31:24
64H
64H
Individual block lock
0=not support
1=support
6BH:68
H
00
0b
EBFC
H
Individual block lock bit
(Volatile/Nonvolatile)
0=Volatile
1=Nonvolatile
01
0b
Individual block lock Opcode
09:02
FFH
Individual block lock Volatile
protect bit default protect status
0=protect
1=unprotect
10
0b
Secured OTP
0=not support
1=support
11
1b)
Read Lock
0=not support
1=support
12
0b
Permanent Lock
0=not support
1=support
13
1b(1)
Unused
15:14
11b
Unused
31:16
FFFFH
FFFFH
NOTE:
1.
GD25LE40CxxSx supports Permanent Lock. Please contact GigaDevice for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com