データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LE05C データシート(PDF) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LE05C
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C データシート(HTML) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
28
7.11 Quad I/O Fast Read (EBH)
The Quad I/O Fast Read command is similar to the Dual I/O Fast Read command but with the capability to input the 3-byte
address (A23-
0) and a “Continuous Read Mode” byte and 4-dummy clock 4-bit per clock by IO0, IO1, IO3, IO4, and each
bit is latched in on the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO0, IO1,
IO2, IO3. The command sequence is shown in followed Figure12. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit
(QE) of Status Register (S9) must be set to enable for the Quad I/O Fast read command.
Quad I/O Fast Read with
“Continuous Read Mode”
The Quad I/O Fast Read command can further reduce command overhead through setting the “Continuous Read Mode”
bits (M7-0) after the input 3-byte address (A23-
A0). If the “Continuous Read Mode” bits (M5-4) = (1, 0), then the next Quad
I/O Fast Read command (after CS# is raised and then lowered) does not require the EBH command code. The command
sequence is shown in followed Figure12a
. If the “Continuous Read Mode” bits (M5-4) do not equal to (1, 0), the next
command requires the
command code, thus returning to normal operation. A “Continuous Read Mode” Reset command
can be used to reset (M5-4) before issuing normal command.
Figure12. Quad I/O Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Figure12a. Quad I/O Fast Read Sequence Diagram (M5-4= (1, 0))
Command
0
1
2
3
4
5
6
7
EBH
CS#
SCLK
SI(IO0)
SO(IO1)
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
WP#(IO2)
HOLD#(IO3)
4
5
6
7
Dummy
Byte1 Byte2
0
1
2
3
4
5
6
7
CS#
SCLK
8
9 10 11 12 13 14 15
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
5
6
7
A23-16 A15-8 A7-0
M7-0
Dummy
Byte1 Byte2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com