| データシートサーチシステム |
|
GD25LE256DFIS データシート(PDF) 69 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE256DFIS データシート(HTML) 69 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
69 / 83 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE256D 69 Figure45. Input Test Waveform and Measurement Level 8.4. CAPACITANCE MEASUREMENT CONDITIONS Symbol Parameter Min Typ. Max Unit Conditions CIN Input Capacitance 12 pF VIN=0V COUT Output Capacitance 16 pF VOUT=0V CL Load Capacitance 30 pF Input Rise And Fall time 5 ns Input Pause Voltage 0.1VCC to 0.8VCC V Input Timing Reference Voltage 0.2VCC to 0.7VCC V Output Timing Reference Voltage 0.5VCC V Figure46. Input Test Waveform and Measurement Level 0.8VCC 0.1VCC 0.7VCC 0.2VCC 0.5VCC AC Measurement Level Input timing reference level Output timing reference level Note: Input pulse rise and fall time are<5ns Vss 20ns Maximum Negative Overshoot Waveform Maximum Positive Overshoot Waveform 20ns 20ns Vss-2.0V Vcc 20ns 20ns 20ns Vcc + 2.0V |