| データシートサーチシステム |
|
GD25VE64CSIG データシート(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE64CSIG データシート(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
5 / 62 page ![]() 2.5V Uniform Sector Dual and Quad Serial Flash GD25VE64C 5 2. GENERAL DESCRIPTION The GD25VE64C (64M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports the Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and I/O3 (HOLD#). The Dual I/O data is transferred with speed of 208Mbits/s and the Quad I/O & Quad output data is transferred with speed of 416Mbits/s. Connection Diagram Pin Description Pin Name I/O Description CS# I Chip Select Input SO (IO1) I/O Data Output (Data Input Output 1) WP# (IO2) I/O Write Protect Input (Data Input Output 2) VSS Ground SI (IO0) I/O Data Input (Data Input Output 0) SCLK I Serial Clock Input HOLD# (IO3) I/O Hold Input (Data Input Output 3) VCC Power Supply Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on. CS# SO (IO1) WP# (IO2) VSS Top View VCC HOLD# (IO3) SCLK SI (IO0) 8–LEAD SOP/DIP 1 2 3 4 5 6 7 8 Top View 8–LEAD WSON/USON 1 2 3 4 5 6 7 8 VCC HOLD# (IO3) SCLK SI (IO0) CS# SO (IO1) WP# (IO2) VSS CS# SO (IO1) WP# (IO2) VSS Top View VCC HOLD# (IO3) SCLK SI (IO0) 16-LEAD SOP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 NC NC NC NC NC NC NC NC VCC WP# (IO2) HOLD# (IO3) VSS SI (IO0) SO (IO1) CS# SCLK NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC A B C D E F 4 3 2 1 24-BALL TFBGA Top View |