データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25VE64CSIG データシート(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25VE64CSIG
部品情報  2.5V Uniform Sector Dual and Quad Serial Flash
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE64CSIG データシート(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE64CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE64CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
2.5V Uniform Sector
Dual and Quad Serial Flash
GD25VE64C
53
9. ORDERING INFORMATION
GD XX X XX X X X X X
Green Code
Temperature Range
I:Industrial(-40℃ to +85℃)
Package Type
Density
64: 64Mb
Series
Product Family
25:SPI Interface Flash
Packing Type
Y:Tray
R:Tape & Reel
W: WSON8 (6*5mm)
VE: 2.5V,4KB Uniform Sector
G:Pb Free & Halogen Free Green Package
S: Pb Free & Halogen Free Green Package & SRP1
available
Generation
C: C Version
S:SOP8 208mil
P: DIP8 300mil
Z:TFBGA24 (6*4 Ball Array)
F: SOP16 300mil
T or no mark:Tube
Q: USON8 (4*4mm, 0.45mm thickness)
Y: WSON8 (8*6mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62