| データシートサーチシステム |
|
LP2 データシート(PDF) 7 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
LP2 データシート(HTML) 7 Page - Eaton All Rights Reserved. |
|
7 / 27 page ![]() 7 EATON www.eaton.com Part Numbering System Family Terminal Style Base/End Poles Screw Options Options CB1 - closed back 12 - printed circuit 17 - extended pin 1 - mount end 2 - barrier end 02 to 30 03 - stainless steel 07 - steel SEMS B1 to B9 - 0.187˝ QC L1 to L6 - marking options (pg 25) LT1 to LT6 - marking options (pg 25) CB11 Single RowTerminal Blocks B C 1 Terminal Styles- Inches(Millimeters) Screw Options (Bulk ordering part numbers are in parentheses) Hardware Options (Bulk ordering part numbers are in parentheses) 12 Printed Circuit 0.047 (1.2) 0.325 (8.25) 0.236 (6.0) 0.492 (12.5) 0.197 (5.0) 0.031 (0.8) 0.173 (4.4) 0.047 (1.2) 0.047 (1.2) 0.325 (8.25) 0.492 (12.5) 0.236 (6.0) 0.512 (13.0) 0.031 (0.8) 0.173 (4.4) 17 Extended Pin 03 Stainless steel (CB1-SSSC) 07 Steel SEMS Nickel-plated (CB1-STSC) Jumpers (JA1-xx-J) (JC1-xx-J) (JB1-xx-J) |