データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP2 データシート(PDF) 25 Page - Eaton All Rights Reserved.

部品番号 LP2
部品情報  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EATON [Eaton All Rights Reserved.]
ホームページ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP2 データシート(HTML) 25 Page - Eaton All Rights Reserved.

Back Button LP2 Datasheet HTML 19Page - Eaton All Rights Reserved. LP2 Datasheet HTML 20Page - Eaton All Rights Reserved. LP2 Datasheet HTML 21Page - Eaton All Rights Reserved. LP2 Datasheet HTML 22Page - Eaton All Rights Reserved. LP2 Datasheet HTML 23Page - Eaton All Rights Reserved. LP2 Datasheet HTML 24Page - Eaton All Rights Reserved. LP2 Datasheet HTML 25Page - Eaton All Rights Reserved. LP2 Datasheet HTML 26Page - Eaton All Rights Reserved. LP2 Datasheet HTML 27Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
EATON www.eaton.com
Marking Options & Accessories
Blocks to be marked on both sides require a different code for each
side. Example: “L1” on one side of the block requires “L2” on the
other side to ensure common terminal marking. Specify by adding
suffix to part number.
Special Marking
Special markings are available upon request at an additional charge
for preparation. Production charges for setup, handling and marking
are the same as for standard marking and the same quantity
discounts apply. Consult factory for price and delivery.
Standard Marking
Markings are applied directly to the sides of A0, CB0, A1, CB11, A2, LP2,
CB2, A3, LP3, CB3, A38, B38, A&B4. Standard characters are white and 1/8”
high. Factory may substitute 3/32” high characters.
All Marking Options
Single RowTerminal Blocks
For additional product information, visit www.bussmann.com
1 2 3
3 2 1
K
G 3
3AC
TER
MAX
PUT
134
GND
BLU
M
L1
L2
L3
L4
L5
L6
Closed Barrier Terminal Block Marking Options for (CB11, CB2
and CB3)
L1 & LT1 = Upright numerals, numbered from left to right
L2 & LT2 = Upright numerals, numbered from right to left
L3
= Left lying numerals, numbered from left to right
L4
= Right lying numerals, numbered from right to left
L5 & LT5 = Upside down numerals, numbered from right to left
L6 & LT6 = Upside down numerals, numbered from left to right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27