| データシートサーチシステム |
|
HD64F2145 データシート(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 データシート(HTML) 41 Page - Renesas Technology Corp |
|
41 / 829 page ![]() Rev. 2.0, 08/02, page 1 of 788 Section 1 Overview 1.1 Features • High-speed H8S/2000 central processing unit with an internal 16-bit architecture Upward-compatible with H8/300 and H8/300H CPUs on an object level Sixteen 16-bit general registers 65 basic instructions • Various peripheral functions Data transfer controller (DTC) 8-bit PWM timer (PWM) 14-bit PWM timer (PWMX) 16-bit free-running timer (FRT) 8-bit timer (TMR) Timer connection Watchdog timer (WDT) Asynchronous or clocked synchronous serial communication interface (SCI,IrDA) I 2C bus interface (IIC) Keyboard buffer controller Host interface X-BUS interface (XBS) Host interface LPC interface (LPC) 8-bit D/A converter 10-bit A/D converter Clock pulse generator |