| データシートサーチシステム |
|
HD64F2145 データシート(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 データシート(HTML) 31 Page - Renesas Technology Corp |
|
31 / 829 page ![]() Rev. 2.0, 08/02, page xxix of xxxviii Figure 17.13 Example of KCLK Input Fall Interrupt Operation.................................................480 Figure 17.14 KBIOE Setting and KCLK Falling Edge Detection Timing..................................481 Section 18 Host Interface X-Bus Interface (XBS) Figure 18.1 Block Diagram of XBS............................................................................................484 Figure 18.2 GA20 Output ...........................................................................................................496 Figure 18.3 HIRQ Output Flowchart (Example of Channels 1 and 2)........................................500 Section 19 Host Interface LPC Interface (LPC) Figure 19.1 Block Diagram of LPC ............................................................................................504 Figure 19.2 Typical /)5$0( Timing .......................................................................................538 Figure 19.3 Abort Mechanism .................................................................................................. ..538 Figure 19.4 GA20 Output ...........................................................................................................540 Figure 19.5 Power-Down State Termination Timing..................................................................545 Figure 19.6 SERIRQ Timing ......................................................................................................546 Figure 19.7 Clock Start Request Timing.....................................................................................548 Figure 19.8 HIRQ Flowchart (Example of Channel 1) ...............................................................551 Section 20 D/A Converter Figure 20.1 Block Diagram of D/A Converter............................................................................553 Figure 20.2 D/A Converter Operation Example .........................................................................556 Section 21 A/D Converter Figure 21.1 Block Diagram of A/D Converter............................................................................560 Figure 21.2 Example of A/D Converter Operation (Scan Mode, Channels AN0 to AN2 Selected) ........................................................567 Figure 21.3 A/D Conversion Timing ..........................................................................................568 Figure 21.4 External Trigger Input Timing.................................................................................569 Figure 21.5 A/D Conversion Accuracy Definitions ....................................................................571 Figure 21.6 A/D Conversion Accuracy Definitions ....................................................................571 Figure 21.7 Example of Analog Input Circuit.............................................................................572 Figure 21.8 Example of Analog Input Protection Circuit ...........................................................574 Figure 21.9 Equivalent Circuit of Analog Input Pin ...................................................................574 Section 23 ROM Figure 23.1 Block Diagram of Flash Memory ............................................................................578 Figure 23.2 Flash Memory State Transitions ..............................................................................579 Figure 23.3 Boot Mode ...............................................................................................................580 Figure 23.4 User Program Mode (Example) ...............................................................................581 Figure 23.5 64-Kbyte Flash Memory Block Configuration ........................................................582 Figure 23.6 128-Kbyte Flash Memory Block Configuration ......................................................583 Figure 23.7 256-Kbyte Flash Memory Block Configuration ......................................................584 Figure 23.8 On-Chip RAM Area in Boot Mode .........................................................................595 Figure 23.9 ID Code Area...........................................................................................................596 Figure 23.10 Programming/Erasing Flowchart Example in User Program Mode ......................597 Figure 23.11 Program/Program-Verify Flowchart ......................................................................599 |