| データシートサーチシステム |
|
HD64F2145 データシート(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 データシート(HTML) 82 Page - Renesas Technology Corp |
|
82 / 829 page ![]() Rev. 2.0, 08/02, page 42 of 788 2.6.1 Table of Instructions Classified by Function Tables 2.3 to 2.10 summarize the instructions in each functional category. The notation used in tables 2.3 to 2.10 is defined below. Table 2.2 Operation Notation Symbol Description Rd General register (destination)* Rs General register (source)* Rn General register* ERn General register (32-bit register) (EAd) Destination operand (EAs) Source operand EXR Extended control register CCR Condition-code register N N (negative) flag in CCR Z Z (zero) flag in CCR V V (overflow) flag in CCR C C (carry) flag in CCR PC Program counter SP Stack pointer #IMM Immediate data disp Displacement + Addition – Subtraction × Multiplication ÷ Division ∧ Logical AND ∨ Logical OR ⊕ Logical exclusive OR → Move ∼ NOT (logical complement) :8/:16/:24/:32 8-, 16-, 24-, or 32-bit length Note:* General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0 to R7, E0 to E7), and 32-bit registers (ER0 to ER7). |