データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS9035A データシート(PDF) 6 Page - Gennum Corporation

部品番号 GS9035A
部品情報  Serial Digital Reclocker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9035A データシート(HTML) 6 Page - Gennum Corporation

Back Button GS9035A Datasheet HTML 2Page - Gennum Corporation GS9035A Datasheet HTML 3Page - Gennum Corporation GS9035A Datasheet HTML 4Page - Gennum Corporation GS9035A Datasheet HTML 5Page - Gennum Corporation GS9035A Datasheet HTML 6Page - Gennum Corporation GS9035A Datasheet HTML 7Page - Gennum Corporation GS9035A Datasheet HTML 8Page - Gennum Corporation GS9035A Datasheet HTML 9Page - Gennum Corporation GS9035A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GENNUM CORPORATION
522 - 41 - 08
6 of 14
Fig. 6 Intrinsic Jitter - Pseudorandom (2
23 -1)
Fig. 7 Intrinsic Jitter - Pathological SDI Checkfield
Fig. 8 Typical Input Jitter Tolerance (Characterized)
Fig. 9 Typical IJT vs. Temperature (VCC=5.0V) (Characterized)
DETAILED DESCRIPTION
The GS9035A receives either a single-ended or differential
PECL serial data stream at the DDI and DDI inputs. It locks
an internal clock to the incoming data and outputs the
differential PECL retimed data signal and recovered clock
on outputs SDO/SDO and SCO/SCO respectively. The
timing between the input, output, and clock signals is
shown below.
Fig. 10 Input/Output Clock Signal Timing
The GS9035A reclocker contains four main functional
blocks: the Phase Locked Loop, Auto/Manual Data Rate
Select, Frequency Acquisition, and Logic Circuit.
1. PHASE LOCKED LOOP (PLL)
The Phase Locked Loop locks the internal PLL clock to the
incoming data rate. A simplified block diagram of the PLL is
shown below. The main components are the VCO, the
phase detector, the charge pump, and the loop filter.
0
200
400
600
800
1000
1200
1400
1600
1800
2000
100
200
300
400
500
600
SDI DATA RATE (Mb/s)
Max
Typical
Min
TA=0 to 70˚C, VCC=4.75 to 5.25V for the typical range
Typical Range, Characterized
0
200
400
600
800
1000
1200
1400
1600
1800
2000
100
200
300
400
500
600
SDI DATA RATE (Mb/s)
Typical
Min
Max
TA = 0 to 70˚C, VCC = 4.75 to 5.25V for the typical range
Typical Range, Characterized
0
0.1
0.2
0.3
0.4
0.5
0.6
100
200
300
400
500
600
DATA RATE (Mb/s)
TA = 0 to 70˚C, VCC = 4.75 to 5.25V
0.200
0.250
0.300
0.350
0.400
0.450
0.500
0.550
0.600
0
1020
3040
5060
70
TEMPERATURE (C˚)
143Mb/s
177Mb/s
270Mb/s
360Mb/s
540Mb/s
DDI
SDO
SCO
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com