データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS9035A データシート(PDF) 1 Page - Gennum Corporation

部品番号 GS9035A
部品情報  Serial Digital Reclocker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9035A データシート(HTML) 1 Page - Gennum Corporation

  GS9035A Datasheet HTML 1Page - Gennum Corporation GS9035A Datasheet HTML 2Page - Gennum Corporation GS9035A Datasheet HTML 3Page - Gennum Corporation GS9035A Datasheet HTML 4Page - Gennum Corporation GS9035A Datasheet HTML 5Page - Gennum Corporation GS9035A Datasheet HTML 6Page - Gennum Corporation GS9035A Datasheet HTML 7Page - Gennum Corporation GS9035A Datasheet HTML 8Page - Gennum Corporation GS9035A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: June 2004
Document No. 522 - 41 - 08
DATA SHEET
FEATURES
• adjustment-free operation
• auto-rate selection for 5 SMPTE data rates: 143, 177,
270, 360, 540Mb/s
• data rate indication output
• serial data output mute when PLL is not locked
• immune to harmonic locking
• operation independent of SAV/EAV sync signals
• low jitter, low power
• single external VCO resistor for operation with five
input data rates
• large input jitter tolerance: typically 0.45 UI beyond
loop bandwidth
• power savings mode (output serial clock disable)
• system friendly: serial clock remains active when data
outputs muted
• robust lock detect
• Pb-free and Green
APPLICATIONS
The GS9035A is used for Clock and Data recovery, and
Jitter elimination for all high speed serial digital interface
applications
involving
SMPTE
259M
and
other
data
standards.
DESCRIPTION
The GS9035A is a high performance clock and data
recovery IC designed for serial digital data. The GS9035A
receives either single-ended or differential PECL data and
outputs differential PECL clock and retimed data signals.
The GS9035A can operate in either auto or manual rate
selection mode. In auto mode the GS9035A is ideal for
multi-rate serial data protocols such as SMPTE 259M. In this
mode the GS9035A automatically detects and locks onto
the incoming data signal. For single rate data systems, the
GS9035A can be configured to operate in manual mode. In
both modes, the GS9035A requires only one external
resistor to set the VCO centre frequency and provides
adjustment-free operation.
The GS9035A has dedicated pins to indicate LOCK and
data rate. In addition, an internal muting function forces the
serial data outputs to a static state when input data is not
present or when the PLL is not locked. The serial clock
outputs can also be disabled resulting in a 10% power
savings.
The GS9035A is packaged in a 28 pin PLCC and operates
from a single +5 or -5 volt power supply.
BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
Pb-FREE AND GREEN
GS9035ACPJ
28 pin PLCC
0°C to 70°C
No
GS9035ACTJ
28 pin PLCC Tape
0°C to 70°C
No
GS9035ACPJE3
28 pin PLCC
0°C to 70°C
Yes
GS9035ACTJE3
28 pin PLCC Tape
0°C to 70°C
Yes
DDI/DDI
LF+ LFS LF-
CBG
RVCO
CARRIER DETECT
PHASELOCK
HARMONIC
FREQUENCY
ACQUISITION
VCO
DIVISION
3 BIT
COUNTER
LOCK
SDO
SDO
CLK_EN
SCO
SCO
SMPTE
AUTO/MAN
SSO
SS1
SS2
2
PHASE
DETECTOR
CHARGE
PUMP
DECODER
LOGIC
COSC
GENLINX
II GS9035A
Serial Digital Reclocker


同様の部品番号 - GS9035A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
GENLINX II -TM GS9035C Serial Digital Reclocker
GS9035CCPJ GENNUM-GS9035CCPJ Datasheet
551Kb / 14P
GENLINX II -TM GS9035C Serial Digital Reclocker
GS9035CCTJ GENNUM-GS9035CCTJ Datasheet
551Kb / 14P
GENLINX II -TM GS9035C Serial Digital Reclocker
More results

同様の説明 - GS9035A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
Serial Digital Decoder
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
Serial Digital Reclocker
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
Serial Digital Receiver
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
HDTV Serial Digital Reclocker
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
GENLINX-TM GS9015B Serial Digital Reclocker
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
GENLINX II -TM GS9035C Serial Digital Reclocker
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
Serial Digital Receiver
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
Multi-Rate Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com