データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CHY103 データシート(PDF) 3 Page - Power Integrations, Inc.

部品番号 CHY103
部品情報  Charger Interface Physical Layer IC with Complete System Level Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CHY103 データシート(HTML) 3 Page - Power Integrations, Inc.

  CHY103 Datasheet HTML 1Page - Power Integrations, Inc. CHY103 Datasheet HTML 2Page - Power Integrations, Inc. CHY103 Datasheet HTML 3Page - Power Integrations, Inc. CHY103 Datasheet HTML 4Page - Power Integrations, Inc. CHY103 Datasheet HTML 5Page - Power Integrations, Inc. CHY103 Datasheet HTML 6Page - Power Integrations, Inc. CHY103 Datasheet HTML 7Page - Power Integrations, Inc. CHY103 Datasheet HTML 8Page - Power Integrations, Inc. CHY103 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev. G 06/16
3
CHY103
www.power.com
Functional Description
CHY103 is a USB high-voltage dedicated charging port (HVDCP)
interface IC for the Quick Charge 3.0 specification. It incorporates
all necessary functions to add Quick Charge 3.0 capability to Power
Integrations’ switcher ICs such as InnoSwitch, TinySwitch, and
TOPSwitch.
CHY103 also supports other solutions with traditional secondary-side
feedback schemes such as TL431 for instance.
Figure 5 depicts CHY103 interfacing with Power Integrations’
InnoSwitch switcher IC in a configuration with hysteretic power
supply shutdown, secondary thermal protection, and faulty power
delivery protection when USB cable is unplugged.
CHY103 supports the full output range of Quick Charge 3.0 Class A
(3.6 V to 12 V) or Class B (3.6 V to 20 V) and its subset Quick Charge
2.0 Class A (5 V, 9 V, or 12 V) or Class B (5 V, 9 V, 12 V, and 20 V).
It automatically detects either Quick Charge 3.0 or Quick Charge 2.0
capable powered devices (PD) or legacy PDs compliant with USB
Battery Charging Specification revision 1.2 and only enables output
voltage adjustments accordingly.
Shunt Regulator
The internal shunt regulator clamps the BYPASS pin at 6 V when
current is provided through an external resistor (R
BP in Figure 5). This
facilitates powering CHY103 externally over a wide output voltage
range of 3.6 V to 20 V. Recommended values are R
BP = 2.21 kΩ ±1%
and C
BP = 470 nF.
BYPASS Pin Undervoltage
The BYPASS pin undervoltage circuitry resets the CHY103 when the
BYPASS pin voltage drops below 2.9 V. Once the BYPASS pin voltage
drops below 2.9 V it must rise back to 3.1 V to commence correct
operation.
Reference and Output Voltage Range Selection Input
Resistor R
REF at the REFERENCE pin is connected to an internal band
gap reference and provides an accurate reference current for internal
timing circuits. Resistor R
REF is furthermore used to select the output
voltage range. R
REF = 38.3 kΩ ±1% selects Class A (12 V maximum
output voltage) and R
REF = 12.4 kΩ ±1% selects Class B (20 V
maximum output voltage).
Quick Charge 3.0 Interface
At power-up CHY103 turns on switch N1 (see Figure 3) short-circuiting
USB data lines D+ and D- for the initial handshake between AC-DC
adapter (DCP) and powered device (PD) as described in the USB
Battery Charging specification revision 1.2. After the USB BC 1.2
handshake is completed, CHY103 will turn off switch N1 if it detects a
Quick Charge 3.0 or Quick Charge 2.0 compliant PD. At this point the
Quick Charge 2.0 handshake followed by the Quick Charge 3.0
handshake can take place as described in the Quick Charge 2.0 and
Quick Charge 3.0 protocol specification. Upon completion of the
Quick Charge 2.0 and Quick Charge 3.0 handshakes, CHY103 will turn
on switch N2 (see Figure 3) connecting a 19.53 kΩ pull-down resistor
to USB data line D-.
Table 1 summarizes the output voltage lookup and model select table
and corresponding AC-DC adapter output voltages.
Figure 5. CHY103 with Power Integrations InnoSwitch Switcher IC with Hysteretic Fault Shutdown Protection.
Portable
Device (PD)
CHY103
D+
D-
Power Supply
Output
Note
0.6 V
0.6 V
12 V
Class A
3.3 V
0.6 V
9 V
Class A
0.6 V
3.3 V
Continuous Mode
Class A/B with
±0.2 V step size
3.3 V
3.3 V
20 V
Class B
0.6 V
GND
5 V
Default mode
Table 1.
Quick Charge 3.0 Output Voltage Lookup and Mode Select Table.
PI-7692-091815
R10
R11
C11
D11
D10
CBPS
C1
RBP
R4
R3
Q1
Q2
D1
RNTC
RREF
CFR
CBP
RFR
T1
CBPP
C10
Q1
R6
R2
R1
D
S
IS
FB
InnoSwitch
CONTROL
BPP
U1
BP
VOUT
B+
D+
D-
GND
GND
D+
D-
R
FBD
TM
FA/P
ChiPhy
U2
-tO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com