データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CHY103 データシート(PDF) 5 Page - Power Integrations, Inc.

部品番号 CHY103
部品情報  Charger Interface Physical Layer IC with Complete System Level Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CHY103 データシート(HTML) 5 Page - Power Integrations, Inc.

  CHY103 Datasheet HTML 1Page - Power Integrations, Inc. CHY103 Datasheet HTML 2Page - Power Integrations, Inc. CHY103 Datasheet HTML 3Page - Power Integrations, Inc. CHY103 Datasheet HTML 4Page - Power Integrations, Inc. CHY103 Datasheet HTML 5Page - Power Integrations, Inc. CHY103 Datasheet HTML 6Page - Power Integrations, Inc. CHY103 Datasheet HTML 7Page - Power Integrations, Inc. CHY103 Datasheet HTML 8Page - Power Integrations, Inc. CHY103 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Rev. G 06/16
5
CHY103
www.power.com
Figure 10. Optional Thermal Monitor Through NTC Resistor.
Figure 9. Remote System Level Check Flowchart.
through a 150 µA current source. This signal can for instance be
used to initiate hysteretic shutdown in a power supply employing
InnoSwitch through circuitry Q1, Q2, D1, and R3 as shown in Figure 5.
Alternatively a primary-side latching shutdown can be configured by
driving optocoupler U3 through Q1 and R5 as depicted in Figure 8.
The FA/P pin is clamped internally to 1 V during normal operation.
Adaptive Output Overvoltage Protection
CHY103 monitors the voltage present at the FEEDBACK DRIVE pin in
order to prevent excessive output voltage levels in case the power
supply control loop lost regulation. The OV comparator threshold
V
TH(OV) (see Figure 6) is adapted to the set output voltage level (5 V,
9 V, 12 V, or 20 V) outside Quick Charge 3.0 continuous mode. As
soon as the output voltage reaches 120% of the set output voltage
CHY103 activates the protection mode if the OV fault is present for at
least 50 µs. Adaptive OVP is blanked for 500 ms when set output
voltage is stepped down outside of continuous mode (for instance
from 9 V to 5 V).
In Quick Charge 3.0 continuous mode the OV comparator threshold is
fixed to the respective maximum output voltage set by resistor R
REF.
The resulting actual output OV level V
OUT(OV) in continuous mode
depends on the respective voltage V
OUT(SET) and is as follows:
.
VV
V
24
OUTOVOUT SET
=+
^^
hh
System Level Fault Protection
CHY103 offers an optional system level check to verify that power
delivered by the power supply is not caused by a possible soft-short
circuit present at the output but is requested by a connected PD. The
system fault check is either activated automatically by CHY103 when
no PD is connected (D+ is below 0.325 V) or can be initiated remotely
through the connected PD as outlined in the flowchart shown in Figure 9.
The FAULT MONITOR/PROTECTION pin monitors the switching
frequency of InnoSwitch through a voltage to frequency converter R
FR
and C
FR (refer to Figure 5). When the voltage at the FAULT MONITOR/
PROTECTION pin exceeds 0.325 V, a fault is flagged and CHY103
activates the protection mode if the fault is present for at least 40 ms.
The fault monitor input is only active when no PD is connected (D+ is
below 0.325 V) or a connected PD initiates a remote system level
RNTC
R4
tD(TM)
VTH(TM)
FA/P
Logic
ITM
TM
BP
PI-7695-081915
+
STM
-tO
Start Remote
OSSP
Remote OSSP
Completed
No
Yes
5 V Output
Present?
Set D+ to High
Impedance
CHY103 Detected
System Fault and
Shutdown Adapter
Reduce Load
Current to <50 mA
CHY103 Initiates
System Level Fault
Monitor
Wait Minimum
40 ms
PI-7697-081915
Initiate USB BC 1.2
and QC 3.0
Handshake
System Fault
Notification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com