データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CHY103 データシート(PDF) 1 Page - Power Integrations, Inc.

部品番号 CHY103
部品情報  Charger Interface Physical Layer IC with Complete System Level Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CHY103 データシート(HTML) 1 Page - Power Integrations, Inc.

  CHY103 Datasheet HTML 1Page - Power Integrations, Inc. CHY103 Datasheet HTML 2Page - Power Integrations, Inc. CHY103 Datasheet HTML 3Page - Power Integrations, Inc. CHY103 Datasheet HTML 4Page - Power Integrations, Inc. CHY103 Datasheet HTML 5Page - Power Integrations, Inc. CHY103 Datasheet HTML 6Page - Power Integrations, Inc. CHY103 Datasheet HTML 7Page - Power Integrations, Inc. CHY103 Datasheet HTML 8Page - Power Integrations, Inc. CHY103 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CHY103
ChiPhy™ Family
www.power.com
June 2016
Charger Interface Physical Layer IC
with Complete System Level Protection
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
Supports Quick Charge 3.0 Class A and Class B specification
Adaptive output overvoltage protection (AOVP)
Secondary over-temperature protection (SOTP)
Output soft short-circuit protection (OSSP)
Remote shutdown protection (RESP)
Enables Powered Device to shutdown adapter
Selectable hysteretic or latching shutdown
Power consumption below 1 mW at 5 V output
Supports InnoSwitch™, TinySwitch™, and TOPSwitch™
Typical Applications
Battery chargers for smart phones, tablets, netbooks,
digital cameras, and bluetooth accessories
USB power output ports such as battery banks or car chargers
Description
CHY103 is a USB mobile device charger interface IC which implements
the Qualcomm’s Quick Charge 3.0 specification for adaptive voltage
battery charging. It incorporates all necessary functions to add Quick
Charge 3.0 capability to circuits incorporating Power Integrations’
switcher ICs such as InnoSwitch, TinySwitch, TOPSwitch and other
charger solutions employing traditional secondary-side feedback
schemes.
CHY103 supports the full output voltage range of Quick Charge 3.0,
including 200 mV micro-stepped voltage levels from 3.6 V to 12 V
(Class A) and up to 20 V (Class B). CHY103 provides a suite of system
level protection features protecting the power supply and connected
Powered Device (PD) from excessive output voltages, secondary-side
thermal overload, and faulty power delivery while adapter is unplugged.
Additionally it allows the PD to remotely shutdown the power supply
through USB data lines. The shutdown type can be configured as
either hysteretic or latching.
CHY103 automatically detects whether a connected PD is Quick Charge
3.0 or Quick Charge 2.0 capable before enabling output voltage
adjustment. If a PD that is not compliant to Quick Charge 2.0 or 3.0 is
detected, the CHY103 disables output voltage adjustment to ensure
safe operation with legacy 5 V only USB PDs.
Figure 1. Typical Application Schematic.
Figure 2. SO-8 (D Package).
PI-7612-091015
BP
VOUT
D+
D-
GND
GND
D+
D-
R
FBD
TM
FA/P
Voltage
Feedback
Network
Fault
Handling
Circuit
CHY103
U1


同様の部品番号 - CHY103

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY100D POWERINT-CHY100D Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY101 POWERINT-CHY101 Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
CHY101D POWERINT-CHY101D Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
More results

同様の説明 - CHY103

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
3-port physical layer interface
1999 Apr 09
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
3-port physical layer interface
1999 Mar 10
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
3-port physical layer interface
1999 Jul 09
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
logo
Micro Linear Corporatio...
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
ML6695 MICRO-LINEAR-ML6695 Datasheet
216Kb / 8P
100BASE-X Fiber Physical Layer With 5-bit Interface
ML6698 MICRO-LINEAR-ML6698 Datasheet
246Kb / 12P
100BASE-TX Physical Layer with 5-Bit Interface
logo
NXP Semiconductors
PDI1394P25BY PHILIPS-PDI1394P25BY Datasheet
214Kb / 42P
1-port 400 Mbps physical layer interface
2002 Oct 11
logo
Power Integrations, Inc...
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY101 POWERINT-CHY101 Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com