| データシートサーチシステム |
|
UPD72012 データシート(PDF) 23 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD72012 データシート(HTML) 23 Page - NEC |
|
23 / 36 page ![]() Data Sheet S13918EJ3V0DS 23 µPD72012 Recommended Oscillator Circuit Constants Crystal oscillator (TA = 0 to +70 °°°°C) Oscillator circuit constant (pF) Manufacturer Product name Frequency (MHz) C1 C2 AT-49 4.000 10 10 DAISHINKU CORP. HC-49/U 4.000 9 9 X1 X2 C2 C1 Cautions 1. The oscillator circuit constants, which show the conditions for stabilizing and oscillating, do not guarantee oscillation frequency accuracy. If the mounting circuit requires oscillation frequency accuracy, it must be possible to adjust the oscillation frequency of the oscillator in the mounting circuit. Therefore, ask the manufacturer of the oscillator you use about this directly. 2. When using an oscillator circuit, wire portions shown using broken lines in the figure as follows to avoid affecting wire capacitance. • Keep the wiring length as short as possible. • Do not cross the wiring with the other signal lines. • Do not route the wring near a signal line through which a high fluctuating current flows. • Always keep the ground point of the oscillator capacitor to the same potential as VSS. • Do not ground the capacitor to a ground pattern in which a high current flows. • Do not fetch signals from the oscillator. |